Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7298BCPZ-RL7 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD7298BCPZ-RL7
Descripción Electrónicos  8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7298BCPZ-RL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7298BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 10Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 11Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 12Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 13Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AD7298
Preliminary Technical Data
Rev. PrA | Page 10 of 18
REPEAT OPERATION
The REPEAT bit in the control register allows the user to select a sequence of channels on which the AD7298 will continuously convert.
When the REPEAT bit is set in the control register, the AD7298 will continuously cycle through the selected channels in ascending order,
beginning with the lowest channel and converting all channels selected in the control register. On completion of the sequence, the AD7298
returns to the first selected channel in the control register and recommences the sequence again. The conversion sequence of the selected
channels in the repeat mode of operation continues until such time as the control register of the AD7298 is reprogrammed. If the TSENSE bit is
selected in the Control Register then the temperature conversion will be available for conversion after the last analog input channel in the
sequence has been converted. It is not necessary to write to the control register once a REPEAT operation has been initiated unless a
change in the AD7298 configuration is required. The WRITE bit must be set to zero or the DIN line tied low to ensure that the control
register is not accidentally overwritten, or the automatic conversion sequence interrupted. A write to the control register during REPEAT
mode of operation will reset the cycle even if the selected channels are unchanged. Hence, the next conversion by the AD7298 after a
write operation will be the first selected channel in the sequence.
To select a sequence of channels, the associated channel bit must be set to a logic high state (1) for each analog input whose conversion is
required. For example, if the REPEAT bit = 1 and CH1, CH2 and CH3 =1. The VIN1 analog input will be converted on the first CS falling
edge following the write to the control register, the VIN2 channel will be converted on the subsequent CS falling edge and the VIN1
conversion result will be available for reading, the third CS falling edge following the write operation will initiate a conversion on VIN3
and have the VIN2 result available for reading. The AD7298 operates with one cycle latency; hence the conversion result corresponding to
each conversion is available once serial read cycle after the cycle in which the conversion was initiated.
Figure 5. Configuring a conversion and read in REPEAT mode.
This mode of operation simplifies the operation of the device by allowing consecutive channels to be converted without having to
reprogram the control register or write to the part on each serial transfer. Figure 5 illustrates how to setup the AD7298 to continuously
convert on a particular sequence of channels. To exit REPEAT mode of operation and revert back to the traditional mode of operation of
a multi-channel ADC, ensure that the REPEAT bit = 0 on the next serial write.


Número de pieza similar - AD7298BCPZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7298BCPZ-RL7 AD-AD7298BCPZ-RL7 Datasheet
452Kb / 25P
   Temperature Sensor
More results

Descripción similar - AD7298BCPZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291 Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
AS1545 AMSCO-AS1545_1 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
logo
Asahi Kasei Microsystem...
AK9240 AKM-AK9240 Datasheet
190Kb / 3P
   AFE with Dual 12-Bit 1MSPS SAR ADC
logo
Linear Technology
LTC2373-18 LINER-LTC2373-18_15 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2373-18 LINER-LTC2373-18 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com