Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7995YRJZ-1RL Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD7995YRJZ-1RL
Descripción Electrónicos  4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7995YRJZ-1RL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7995YRJZ-1RL Datasheet HTML 7Page - Analog Devices AD7995YRJZ-1RL Datasheet HTML 8Page - Analog Devices AD7995YRJZ-1RL Datasheet HTML 9Page - Analog Devices AD7995YRJZ-1RL Datasheet HTML 10Page - Analog Devices AD7995YRJZ-1RL Datasheet HTML 11Page - Analog Devices AD7995YRJZ-1RL Datasheet HTML 12Page - Analog Devices AD7995YRJZ-1RL Datasheet HTML 13Page - Analog Devices AD7995YRJZ-1RL Datasheet HTML 14Page - Analog Devices AD7995YRJZ-1RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD7991/AD7995/AD7999
Rev. A | Page 11 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
VDD to GND
−0.3 V to 7 V
Analog Input Voltage to GND
−0.3 V to VDD + 0.3 V
Reference Input Voltage to GND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to GND
−0.3 V to +7 V
Digital Output Voltage to GND
−0.3 V to VDD + 0.3 V
Input Current to Any Pin Except Supplies1
±10 mA
Operating Temperature Ranges
Industrial (Y Version) Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
8-Lead SOT-23 Package
θJA Thermal Impedance
170°C/W
θJC Thermal Impedance
90°C/W
RoHS Compliant Temperature,
Soldering Reflow
260 + 0°C
ESD
1 kV
1 Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Número de pieza similar - AD7995YRJZ-1RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7995YRJZ-1RL AD-AD7995YRJZ-1RL Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
More results

Descripción similar - AD7995YRJZ-1RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7991 AD-AD7991_07 Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
AD7995 AD-AD7995_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7991 AD-AD7991_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7999 AD-AD7999_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7991 AD-AD7991 Datasheet
264Kb / 25P
   4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Rev. PrB
AD7992 AD-AD7992 Datasheet
266Kb / 21P
   2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
REV. PrH 09/03
AD7992 AD-AD7992_17 Datasheet
696Kb / 29P
   2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP
EVAL-AD7997 AD-EVAL-AD7997_15 Datasheet
605Kb / 12P
   Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
EVAL-AD7998 AD-EVAL-AD7998_15 Datasheet
605Kb / 12P
   Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com