Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7995YRJZ-0500RL7 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD7995YRJZ-0500RL7
Descripción Electrónicos  4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7995YRJZ-0500RL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7995YRJZ-0500RL7 Datasheet HTML 5Page - Analog Devices AD7995YRJZ-0500RL7 Datasheet HTML 6Page - Analog Devices AD7995YRJZ-0500RL7 Datasheet HTML 7Page - Analog Devices AD7995YRJZ-0500RL7 Datasheet HTML 8Page - Analog Devices AD7995YRJZ-0500RL7 Datasheet HTML 9Page - Analog Devices AD7995YRJZ-0500RL7 Datasheet HTML 10Page - Analog Devices AD7995YRJZ-0500RL7 Datasheet HTML 11Page - Analog Devices AD7995YRJZ-0500RL7 Datasheet HTML 12Page - Analog Devices AD7995YRJZ-0500RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD7991/AD7995/AD7999
Rev. A | Page 9 of 28
I2C TIMING SPECIFICATIONS
Guaranteed by initial characterization. All values were measured with the input filtering enabled. CB refers to the capacitive load on the bus line,
with tr and tf measured between 0.3 VDD and 0.7 VDD (see Figure 2). Unless otherwise noted, VDD = 2.7 V to 5.5 V and TA = TMIN to TMAX.
Table 5.
Limit at tMIN, tMAX
Parameter
Conditions
Min
Typ
Max
Unit
Description
fSCL1
Standard mode
100
kHz
Serial clock frequency
Fast mode
400
kHz
High speed mode
CB = 100 pF maximum
3.4
MHz
CB = 400 pF maximum
1.7
MHz
t11
Standard mode
4
μs
tHIGH, SCL high time
Fast mode
0.6
μs
High speed mode
CB = 100 pF maximum
60
ns
CB = 400 pF maximum
120
ns
t21
Standard mode
4.7
μs
tLOW, SCL low time
Fast mode
1.3
μs
High speed mode
CB = 100 pF maximum
160
ns
CB = 400 pF maximum
320
ns
t31
Standard mode
250
ns
tSU;DAT, data setup time
Fast mode
100
ns
High speed mode
10
ns
t41, 2
Standard mode
0
3.45
μs
tHD;DAT, data hold time
Fast mode
0
0.9
μs
High Speed mode
CB = 100 pF maximum
0
703
ns
CB = 400 pF maximum
0
150
ns
t51
Standard mode
4.7
μs
tSU;STA, setup time for a repeated start condition
Fast mode
0.6
μs
High Speed mode
160
ns
t61
Standard mode
4
μs
tHD;STA, hold time for a repeated start condition
Fast mode
0.6
μs
High speed mode
160
ns
t71
Standard mode
4.7
μs
tBUF, bus-free time between a stop and a start condition
Fast mode
1.3
μs
t81
Standard mode
4
μs
tSU;STO, setup time for a stop condition
Fast mode
0.6
μs
High speed mode
160
ns
t9
Standard mode
1000
ns
tRDA, rise time of the SDA signal
Fast mode
20 + 0.1 CB
300
ns
High speed mode
CB = 100 pF maximum
10
80
ns
CB = 400 pF maximum
20
160
ns


Número de pieza similar - AD7995YRJZ-0500RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7995YRJZ-0500RL7 AD-AD7995YRJZ-0500RL7 Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
More results

Descripción similar - AD7995YRJZ-0500RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7991 AD-AD7991_07 Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
AD7995 AD-AD7995_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7991 AD-AD7991_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7999 AD-AD7999_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7991 AD-AD7991 Datasheet
264Kb / 25P
   4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Rev. PrB
AD7992 AD-AD7992 Datasheet
266Kb / 21P
   2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
REV. PrH 09/03
AD7992 AD-AD7992_17 Datasheet
696Kb / 29P
   2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP
EVAL-AD7997 AD-EVAL-AD7997_15 Datasheet
605Kb / 12P
   Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
EVAL-AD7998 AD-EVAL-AD7998_15 Datasheet
605Kb / 12P
   Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com