Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA282B-1-VY-1-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

No. de pieza LA282B-1-VY-1-PF
Descripción Electrónicos  LED ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA282B-1-VY-1-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA282B-1-VY-1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA282B-1-VY-1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA282B-1-VY-1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA282B-1-VY-1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA282B-1-VY-1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA282B-1-VY-1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/5
44
Min.
Min. Max.
160
1.7
2.6
Lens
20
590
300
Typ.
20
Viewing
angle
2
θ 1/2
(deg)
Forward
voltage
@
mA(V)
Dominant
wave
length
λDnm
Spectral
halfwidth
△λnm
Luminous
intensity
@20mA(mcd)
Emitted
Yellow
LA282B-1/VY-1-PF AlGaInP
PART NO
MATERIAL
Typical Electrical & Optical Characteristics (Ta=25
)
Absolute Maximum Ratings at Ta=25
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
COLOR
Operating Temperature
-40 ~ +85
Topr
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
Storage Temperature
-40 ~ +100
Tstg
IF
Forward Current
Electrostatic Discharge( * )
Reverse Current @5V
2000
ESD
Ir
10
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
PD
IFP
Ratings
Parameter
Symbol
mA
30
V
μA
mW
75
mA
60
VY
UNIT
Yellow Transparent
282B-1/VY-1-PF
PART NO. LA


Número de pieza similar - LA282B-1-VY-1-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LA282B-1-VY-PF LIGITEK-LA282B-1-VY-PF Datasheet
108Kb / 6P
   LED ARRAY
More results

Descripción similar - LA282B-1-VY-1-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com