Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LDBK2640-AS-H Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

No. de pieza LDBK2640-AS-H
Descripción Electrónicos  ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDBK2640-AS-H Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LDBK2640-AS-H Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDBK2640-AS-H Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDBK2640-AS-H Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDBK2640-AS-H Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDBK2640-AS-H Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDBK2640-AS-H Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Parameter
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
Electrostatic Discharge( * )
Storage Temperature
InGaN/GaN
MATERIAL
Operating Temperature
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Absolute Maximum Ratings at Ta=25
Typical Electrical & Optical Characteristics (Ta=25
)
LDBK2640-AS/H
PART NO
Forward Current
V
150
ESD
Luminous
intensity
@20mA(mcd)
Forward
voltage
@20mA(V)
Blue Diffused
Blue
COLOR
Emitted
Lens
470
30
3.5
4.0
Spectral
halfwidth
△λnm
wave
length
λ nm
D
Dominant
Typ. Max.
38
450
220
Viewing
angle
2
θ 1/2
(deg)
Typ.
Min.
Topr
Tstg
-30 ~ +100
-20 ~ +80
Ir
PD
IFP
IF
120
50
100
30
Symbol
DBK
Ratings
μA
mW
mA
mA
UNIT
Page 2/5
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
*
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
PART NO. LDBK2640-AS/H


Número de pieza similar - LDBK2640-AS-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LDBK2640-H LIGITEK-LDBK2640-H Datasheet
132Kb / 6P
   ROUND TYPE LED LAMPS
LDBK2640-S76-TBS-X LIGITEK-LDBK2640-S76-TBS-X Datasheet
124Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LDBK2640-S77 LIGITEK-LDBK2640-S77 Datasheet
129Kb / 6P
   ROUND TYPE LED LAMPS
LDBK2640-TBS-X LIGITEK-LDBK2640-TBS-X Datasheet
122Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
More results

Descripción similar - LDBK2640-AS-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com