Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC03AX1456CO Datasheet(PDF) 2 Page - Motorola, Inc

No. de pieza MC03AX1456CO
Descripción Electrónicos  ADSL Line Driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC03AX1456CO Datasheet(HTML) 2 Page - Motorola, Inc

  MC03AX1456CO Datasheet HTML 1Page - Motorola, Inc MC03AX1456CO Datasheet HTML 2Page - Motorola, Inc MC03AX1456CO Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MC03AX1456CO MC03AX1456RT
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
2
Figure 1. Functional Block Diagram of the MC03AX1456 Line Driver
High
Pass
Filter
Prog
Gain
Prog
HF
Boost
High
Pass
Filter
Prog
Gain
High
Pass
Filter
Prog
Gain
Prog
HF
Boost
High
Pass
Filter
Prog
Gain
Hybrid Balance and
Termination Impedance
POTs Splitter
RX to
ADSL
Transceiver
TX from
ADSL
Transceiver
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
Positive Supply Voltage (Referenced to GND)
+18
V
VEE
Negative Supply Voltage (Referenced to GND)
–18
V
VIN
Input Voltage (Referenced to GND)
TBD
V
VOUT
Output Voltage (Referenced to GND)
TBD
V
IIN
Input Current
TBD
mA
IOUT
Output Current
TBD
mA
TSTG
Storage Temperature Range
–65 to +150
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the
Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Positive Supply Voltage
+13.5
+15.0
+16.5
V
V–Sup
Negative Supply Voltage
–13.5
–15.0
–16.5
V
TJ
Junction Temperature
150
°C


Número de pieza similar - MC03AX1456CO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
C&K Components
MC03 CK-COMPONENTS-MC03 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
List of Unclassifed Man...
MC035 ETC1-MC035 Datasheet
212Kb / 4P
   MICROCOUPLERS FOR HYBRID CIRCUITS
logo
MORNSUN Science& Techno...
MC03609HA MORNSUN-MC03609HA Datasheet
306Kb / 4P
   36W AC/DC Adapter
MC03612HA MORNSUN-MC03612HA Datasheet
306Kb / 4P
   36W AC/DC Adapter
MC03615HA MORNSUN-MC03615HA Datasheet
306Kb / 4P
   36W AC/DC Adapter
More results

Descripción similar - MC03AX1456CO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XFMRS Inc.
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
0023AD4S XFMRS-0023AD4S Datasheet
61Kb / 1P
   ADSL LINE DRIVER XFMR
XF0053-AD4MS XFMRS-XF0053-AD4MS_15 Datasheet
62Kb / 1P
   ADSL LINE DRIVER XFMR
XF0053-AD4 XFMRS-XF0053-AD4_15 Datasheet
60Kb / 1P
   ADSL LINE DRIVER XFMR
XF0053-AD4S XFMRS-XF0053-AD4S_15 Datasheet
62Kb / 1P
   ADSL LINE DRIVER XFMR
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com