Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LDD595-64-XX-PF Datasheet(PDF) 9 Page - LIGITEK electronics co., ltd.

No. de pieza LDD595-64-XX-PF
Descripción Electrónicos  DUAL DIGIT LED DISPLAY (0.56 lnch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDD595-64-XX-PF Datasheet(HTML) 9 Page - LIGITEK electronics co., ltd.

  LDD595-64-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDD595-64-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDD595-64-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDD595-64-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDD595-64-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDD595-64-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LDD595-64-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LDD595-64-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LDD595-64-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
Solder Resistance
Test
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
Solderability Test
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
This test intended to see soldering well
performed or not.
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.Under Room Temperature
2.If=10mA
3.t=1000 hrs (-24hrs, +72hrs)
Operating Life Test
Thermal Shock Test
High Temperature
High Humidity Test
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
Low Temperature
Storage Test
High Temperature
Storage Test
Reliability Test:
Test Item
Test Condition
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
MIL-STD-883:1008
JIS C 7021: B-10
JIS C 7021: B-12
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
The purpose of this test is the resistance
of the device under tropical for hours.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Reference
Standard
Description
8/8
PART NO. LDD595/64-XX-PF


Número de pieza similar - LDD595-64-XX-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LDD595-65F-XX-RP9-PF LIGITEK-LDD595-65F-XX-RP9-PF Datasheet
134Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
More results

Descripción similar - LDD595-64-XX-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LDD511-2DBK-XX-RP4-PF LIGITEK-LDD511-2DBK-XX-RP4-PF Datasheet
126Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD511-2SBKS-XX-RP4-PF LIGITEK-LDD511-2SBKS-XX-RP4-PF Datasheet
136Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD511-2A-XX-PF LIGITEK-LDD511-2A-XX-PF Datasheet
163Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD511-24-XX-PF LIGITEK-LDD511-24-XX-PF Datasheet
138Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD525-6SBKS-XX-PF LIGITEK-LDD525-6SBKS-XX-PF Datasheet
152Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD511-24-XX LIGITEK-LDD511-24-XX Datasheet
127Kb / 8P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD511-25-XX-RP65 LIGITEK-LDD511-25-XX-RP65 Datasheet
128Kb / 8P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD525-64-XX-PF LIGITEK-LDD525-64-XX-PF Datasheet
172Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD595-65F-XX-RP9-PF LIGITEK-LDD595-65F-XX-RP9-PF Datasheet
134Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD511-2SBI-XX-PF LIGITEK-LDD511-2SBI-XX-PF Datasheet
143Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD511-22V-XX-PF LIGITEK-LDD511-22V-XX-PF Datasheet
137Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com