Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC33972EW/R2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc |
|
MC33972EW/R2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc |
5 / 32 page Analog Integrated Circuit Device Data Freescale Semiconductor 5 33972 ELECTRICAL CHARACTERISTICS MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS MAXIMUM RATINGS Table 3. Maximum Ratings All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent damage to the device. Ratings Symbol Value Unit ELECTRICAL RATINGS VDD Supply Voltage CS, SI, SO, SCLK, INT, AMUX(1) – -0.3 to 7.0 VDC WAKE(1) – -0.3 to 40 VDC VPWR Supply Voltage(1) – -0.3 to 50 VDC VPWR Supply Voltage at -40C(1) – -0.3 to 45 VDC Switch Input Voltage Range – -14 to 40 VDC Frequency of SPI Operation (VDD = 5.0 V) – 6.0 MHz ESD Voltage(3) Human Body Model(2) Applies to all non-input pins Machine Model Charge Device Model Corner Pins Interior Pins VESD ±2000 ±2000 ±200 750 500 V THERMAL RATINGS Operating Temperature Ambient Junction TA TJ -40 to 125 -40 to 150 °C Storage Temperature TSTG -55 to 150 °C Power Dissipation (TA = 25°C)(4) PD 1.7 W Thermal Resistance Non-Exposed Pad Junction to Ambient Junction to Lead Exposed Pad Junction to Ambient Junction to Exposed Pad RθJA RθJL RθJA RθJC 74 25 71 1.2 °C/W Peak Package Reflow Temperature During Reflow(5), (6) TPPRT Note 6 °C Notes 1. Exceeding these limits may cause malfunction or permanent damage to the device. 2. ESD data available upon request. 3. ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), and ESD2 testing is performed in accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω). 4. Maximum power dissipation at TJ = 150°C junction temperature with no heat sink used. 5. Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may cause malfunction or permanent damage to the device. 6. Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics. |
Número de pieza similar - MC33972EW/R2 |
|
Descripción similar - MC33972EW/R2 |