Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFD3A5-64-XX Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

No. de pieza LFD3A5-64-XX
Descripción Electrónicos  FOUR DIGIT LED DISPLAY (0.3 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD3A5-64-XX Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LFD3A5-64-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD3A5-64-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD3A5-64-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD3A5-64-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD3A5-64-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD3A5-64-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD3A5-64-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD3A5-64-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Min.
0.5
Electrical
Part Selection And Application Information(Ratings at 25)
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
PART NO
LFD3A54-XX
LFD3A64-XX
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Common
Cathode
or Anode
Common
Anode
Common
Cathode
CHIP
Material
GaAsP/GaP
Orange
Emitted
635
45
λP
(nm)
△λ
(nm)
2.1
1.7
2.6
Vf(v)
Typ.
Min.
Max.
PART NO.
Absolute Maximum Ratings at Ta=25
Forward Current Per Chip
Reverse Current Per Any Chip
Operating Temperature
Power Dissipation Per Chip
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Storage Temperature
Symbol
Parameter
IFP
PD
Topr
Tstg
Ir
IF
-25 ~ +85
-25 ~ +85
10
100
120
30
E
Ratings
1.0
2:1
Typ.
Iv(mcd)
IV-M
UNIT
μA
mA
mW
mA
Page 4/7
LFD3A5/64-XX


Número de pieza similar - LFD3A5-64-XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LFD3A5-64-XX-RP146-PF LIGITEK-LFD3A5-64-XX-RP146-PF Datasheet
175Kb / 9P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
LFD3A5-64-XX-RP75-PF LIGITEK-LFD3A5-64-XX-RP75-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
More results

Descripción similar - LFD3A5-64-XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LFD3A5-64-XX-RP146-PF LIGITEK-LFD3A5-64-XX-RP146-PF Datasheet
175Kb / 9P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
LFD3A5-63-XX-RP75-PF LIGITEK-LFD3A5-63-XX-RP75-PF Datasheet
149Kb / 9P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
LFD3A5-64-R1-XX LIGITEK-LFD3A5-64-R1-XX Datasheet
124Kb / 8P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
LFD3A5-62-XX-RP75-PF LIGITEK-LFD3A5-62-XX-RP75-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
LFD3A5-64-XX-RP75-PF LIGITEK-LFD3A5-64-XX-RP75-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
LSD3012P-XX-PF LIGITEK-LSD3012P-XX-PF Datasheet
137Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3922-XX-P7-PF LIGITEK-LSD3922-XX-P7-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3922-XX-PF LIGITEK-LSD3922-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3015-XX LIGITEK-LSD3015-XX Datasheet
118Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3025-XX-PF LIGITEK-LSD3025-XX-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com