Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFD4H5-62-XX-RP3-PF Datasheet(PDF) 9 Page - LIGITEK electronics co., ltd.

No. de pieza LFD4H5-62-XX-RP3-PF
Descripción Electrónicos  FOUR DIGIT LED DISPLAY(0.39Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD4H5-62-XX-RP3-PF Datasheet(HTML) 9 Page - LIGITEK electronics co., ltd.

  LFD4H5-62-XX-RP3-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-RP3-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-RP3-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-RP3-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-RP3-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-RP3-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-RP3-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-RP3-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-RP3-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Thermal Shock Test
High Temperature
High Humidity Test
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Solderability Test
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
Solder Resistance
Test
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
This test intended to see soldering well
performed or not.
The purpose of this test is the resistance
of the device under tropical for hours.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202:103B
JIS C 7021: B-11
Operating Life Test
Reliability Test:
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Test Condition
1.Under Room Temperature
2.If=10mA
3.t=1000 hrs (-24hrs, +72hrs)
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Low Temperature
Storage Test
High Temperature
Storage Test
Test Item
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
Description
8/8
Page
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
JIS C 7021: B-12
MIL-STD-883:1008
JIS C 7021: B-10
Reference
Standard
PART NO. LFD4H5/62-XX/RP3-PF


Número de pieza similar - LFD4H5-62-XX-RP3-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LFD4H5-62-XX-RP113-PF LIGITEK-LFD4H5-62-XX-RP113-PF Datasheet
140Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD4H5-62-XX-RP125-PF LIGITEK-LFD4H5-62-XX-RP125-PF Datasheet
140Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
More results

Descripción similar - LFD4H5-62-XX-RP3-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LFD4H5-62M-XX-SRP9 LIGITEK-LFD4H5-62M-XX-SRP9 Datasheet
130Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-PF LIGITEK-LFD415-62-XX-PF Datasheet
187Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP63-PF LIGITEK-LFD415-62-XX-RP63-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-SRP95 LIGITEK-LFD415-62-XX-SRP95 Datasheet
138Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD4H5-6SBKS-XX-PF LIGITEK-LFD4H5-6SBKS-XX-PF Datasheet
142Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP75-PF LIGITEK-LFD415-62-XX-RP75-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP126-PF LIGITEK-LFD415-62-XX-RP126-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-SRP65 LIGITEK-LFD415-62-XX-SRP65 Datasheet
138Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-64-XX-PF LIGITEK-LFD415-64-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-64-XX-RP75-PF LIGITEK-LFD415-64-XX-RP75-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-65-XX-RP6-PF LIGITEK-LFD415-65-XX-RP6-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com