Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFD265-62V-XX-S1-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

No. de pieza LFD265-62V-XX-S1-PF
Descripción Electrónicos  FOUR DIGIT LED DISPLAY (0.28 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD265-62V-XX-S1-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LFD265-62V-XX-S1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD265-62V-XX-S1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD265-62V-XX-S1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD265-62V-XX-S1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD265-62V-XX-S1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD265-62V-XX-S1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD265-62V-XX-S1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD265-62V-XX-S1-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD265-62V-XX-S1-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Iv(mcd)
LFD2662V-XX/S1-PF
Part Selection And Application Information(Ratings at 25)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
LFD2652V-XX/S1-PF
PART NO
λP
(nm)
common
cathode
or anode
Emitted
Green
GaP
Material
CHIP
Common
Anode
Common
Cathode
Electrical
565
30
△λ
(nm)
2.6
1.7
1.75
Max.
Min.
Vf(v)
Min.
Absolute Maximum Ratings at Ta=25
Forward Current Per Chip
Reverse Current Per Any Chip
Power Dissipation Per Chip
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
Storage Temperature
Operating Temperature
Symbol
Parameter
Tstg
Topr
Ir
PD
IFP
IF
10
-25 ~ +85
-25 ~ +85
VG
30
120
100
Ratings
2:1
3.05
IV-M
Typ.
UNIT
μA
mW
mA
mA
Page 4/8
PART NO. LFD265/62V-XX/S1-PF


Número de pieza similar - LFD265-62V-XX-S1-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LFD265-62-XX LIGITEK-LFD265-62-XX Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-62-XX-PF LIGITEK-LFD265-62-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-62-XX-RP11-PF LIGITEK-LFD265-62-XX-RP11-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results

Descripción similar - LFD265-62V-XX-S1-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LFD265-62-XX-RP11-PF LIGITEK-LFD265-62-XX-RP11-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-63-XX-PF LIGITEK-LFD265-63-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD4H5-62-XX-S LIGITEK-LFD4H5-62-XX-S Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22V-XX-PF LIGITEK-LFD211-22V-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-PF LIGITEK-LFD211-22-XX-PF Datasheet
160Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-SRP13-1 LIGITEK-LFD211-22-XX-SRP13-1 Datasheet
106Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-24S-XX-PF LIGITEK-LFD211-24S-XX-PF Datasheet
156Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-64-XX-PF LIGITEK-LFD265-64-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-21-XX LIGITEK-LFD211-21-XX Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-6A-XX-RP85-PF LIGITEK-LFD265-6A-XX-RP85-PF Datasheet
149Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-6A-XX-S1-PF LIGITEK-LFD265-6A-XX-S1-PF Datasheet
150Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com