Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFD465-62-XX-SRP14-S1 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

No. de pieza LFD465-62-XX-SRP14-S1
Descripción Electrónicos  FOUR DIGIT LED DISPLAY (0.396 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD465-62-XX-SRP14-S1 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LFD465-62-XX-SRP14-S1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD465-62-XX-SRP14-S1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD465-62-XX-SRP14-S1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD465-62-XX-SRP14-S1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD465-62-XX-SRP14-S1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD465-62-XX-SRP14-S1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD465-62-XX-SRP14-S1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD465-62-XX-SRP14-S1 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UNIT
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
μA
mA
mW
mA
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
PART NO
LFD4652-XX/SRP14/S1
Part Selection And Application Information(Ratings at 25)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
λP
(nm)
common
cathode
or anode
Emitted
Green
GaP
Material
CHIP
Common
Anode
Common
Cathode
565
Electrical
Typ.
Vf(v)
2.1
30
1.7
△λ
(nm)
Min.
3.05
2.6
6.1
Min.
Max.
Typ.
Iv(mcd)
Parameter
Absolute Maximum Ratings at Ta=25
Reverse Current Per Any Chip
Storage Temperature
Operating Temperature
Power Dissipation Per Chip
Forward Current Per Chip
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Symbol
Topr
Tstg
Ir
IFP
PD
IF
-25 ~ +85
-25 ~ +85
10
100
120
30
G
Ratings
2:1
IV-M
4/7
LFD465/62-XX/SRP14/S1
PART NO.
LFD4662-XX/SRP14/S1


Número de pieza similar - LFD465-62-XX-SRP14-S1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Systemsensor advanced i...
LFD40 SYSTEMSENSOR-LFD40 Datasheet
130Kb / 2P
   Low Flow Rate Waterflow Detectors
logo
LIGITEK electronics co....
LFD415-62-XX-PF LIGITEK-LFD415-62-XX-PF Datasheet
187Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP126-PF LIGITEK-LFD415-62-XX-RP126-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP33-PF LIGITEK-LFD415-62-XX-RP33-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP5 LIGITEK-LFD415-62-XX-RP5 Datasheet
106Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
More results

Descripción similar - LFD465-62-XX-SRP14-S1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LFD4K5-64S-XX-F4-PF LIGITEK-LFD4K5-64S-XX-F4-PF Datasheet
153Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD211-22V-XX-PF LIGITEK-LFD211-22V-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-PF LIGITEK-LFD211-22-XX-PF Datasheet
160Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-SRP13-1 LIGITEK-LFD211-22-XX-SRP13-1 Datasheet
106Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-24S-XX-PF LIGITEK-LFD211-24S-XX-PF Datasheet
156Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-64-XX-PF LIGITEK-LFD265-64-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD415-64-XX-T LIGITEK-LFD415-64-XX-T Datasheet
105Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-62-XX-S1-PF LIGITEK-LFD435-62-XX-S1-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-63HS-XX-S4-PF LIGITEK-LFD435-63HS-XX-S4-PF Datasheet
150Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-69-XX-D1-PF LIGITEK-LFD435-69-XX-D1-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com