Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D048C150T010M1N Datasheet(PDF) 1 Page - Powerbox

No. de pieza D048C150T010M1N
Descripción Electrónicos  220W DC/DC CONVERTER PRELIMINARY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWERBOX [Powerbox]
Página de inicio  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

D048C150T010M1N Datasheet(HTML) 1 Page - Powerbox

  D048C150T010M1N Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Your dependable power partner – www.powerbox.com.au
227
VIBrick Series
220W
DC/DC
CONVER TER
PRELIMINAR Y
Features
36-75 Vdc input.
Up to 84A/in3 or 185W/in3.
100°C operating temperature.
High efficiency.
Positive or negative logic enable.
Low noise.
2,250Vdc basic insulation.
Only 0.36” in height.
Industry standard quarter-brick footprint.
VICBrick
PRODUCT DESCRIPTION
These VICBricks are quarter-brick sized, high-performance DC-DC converters that conform to industry -standard footprints and pin-outs, while delivering
unprecedented performance in power density, efficiency, transient response, and cost. This superior performance is enabled by the revolutionary V•I Chip
technology with its Sine Amplitude Converter topology. Dual output pins are used for output current over 50A.
Part Numbering


Número de pieza similar - D048C150T010M1N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
D048C010T010M2N VICOR-D048C010T010M2N Datasheet
439Kb / 14P
   DC-DC Converters Quarter Brick, 48 Vin Family
D048C012T012M2N VICOR-D048C012T012M2N Datasheet
439Kb / 14P
   DC-DC Converters Quarter Brick, 48 Vin Family
D048C015T012M2N VICOR-D048C015T012M2N Datasheet
439Kb / 14P
   DC-DC Converters Quarter Brick, 48 Vin Family
D048C018T014M2N VICOR-D048C018T014M2N Datasheet
439Kb / 14P
   DC-DC Converters Quarter Brick, 48 Vin Family
D048C025T015M2N VICOR-D048C025T015M2N Datasheet
439Kb / 14P
   DC-DC Converters Quarter Brick, 48 Vin Family
More results

Descripción similar - D048C150T010M1N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AT1308 ETC1-AT1308 Datasheet
377Kb / 15P
   Preliminary Product Information Micro-Power Step up DC-DC Converter
AT1396 ETC1-AT1396 Datasheet
800Kb / 24P
   Preliminary Product Information 6-Channel DC-DC Converter for DS
logo
Mean Well Enterprises C...
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GSM220A MEANWELL-GSM220A Datasheet
770Kb / 5P
   220W AC-DC Reliable Green Medical Adaptor
GSM220B MEANWELL-GSM220B Datasheet
578Kb / 3P
   220W AC-DC High Reliability Medical Adaptor
logo
Powerbox
V048F120T025 POWERBOX-V048F120T025 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
P048F048T24AL POWERBOX-P048F048T24AL Datasheet
744Kb / 1P
   120-240W DC/DC PRE-REGULATOR MODULE PRELIMINARY
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com