Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS6123 Datasheet(PDF) 1 Page - Bothhand USA, LP.

No. de pieza TS6123
Descripción Electrónicos  100 BASE PULSE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOTHHAND [Bothhand USA, LP.]
Página de inicio  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS6123 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  TS6123 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Date: April 21-2000 Pre by:WuQingli Rev.: X.0
100 BASE PULSE TRANSFORMER
P/N: TS6123 DATA SHEET
A. GENERAL SPECIFICATIONS:
1.
16PINS SMD SURFACE MOUNT PACKAGE. .
2.
DUAL CHANNEL LOW COST.
3.
OPERATION TEMP: 0
°C TO 70°C.
B. ELECTRICAL SPECIFICATIONS @ 25
°°°°C
1. TURN RATIO: 1CT: 1CT
1-2-3:16-15-14
1CT: 1CT
6-7-8:11-10-9
2. HI-POT: 1500 Vrms
3. OCL (OPEN CIRCUIT INDUCTANCE) :(1-3&6-8 ) 350Uh Min @ 100KHz/ 0.1Vrms, 8mA DC
4. DC RESISTANCE: (1-3 & 6-8 )0.9
Ω(MAX)
5. Cw/w:15pF TYP
6. LEAKAGE INDUCTANCE (LL): 0.4uH Max
7. CROSSTALKS (0.1-100MHz) -40dBMin
8. CMRR (0.1-100MHz) -40dBMin
9. PRI. RESISTANCE(TX & RX): 0.9
Ω Max
10.INSERTION LOSS (dB Max): -1.15dB AT 1MHz-100MHz
11.RETURN LOSS (dB Min): 1MHz-30MHz -18dB
30MHz-60MHz -14dB
60MHz-80MHz -12dB
C. SCHEMATIC & DIMENSIONS &MARKING (UNIT mm):
1
2
3
16
14
T2
11
9
10
7
8
6
T1
15


Número de pieza similar - TS6123

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS612 STMICROELECTRONICS-TS612 Datasheet
135Kb / 11P
   DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
TS612 STMICROELECTRONICS-TS612 Datasheet
135Kb / 10P
   DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
TS612 STMICROELECTRONICS-TS612 Datasheet
212Kb / 9P
   STMicroelectronics Solutions for ADSL Line Interfaces
logo
Bothhand USA, LP.
TS6120 BOTHHAND-TS6120 Datasheet
185Kb / 1P
   10 /100 BASE-T PULSE TRANSFORMER
TS6120A BOTHHAND-TS6120A Datasheet
183Kb / 1P
   10 /100 BASE-T PULSE TRANSFORMER
More results

Descripción similar - TS6123

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
16PT8511 BOTHHAND-16PT8511 Datasheet
50Kb / 1P
   100 BASE PULSE TRANSFORMER
16ST8511 BOTHHAND-16ST8511_1 Datasheet
227Kb / 2P
   100 BASE PULSE TRANSFORMER (SMD)
TN8515 BOTHHAND-TN8515 Datasheet
187Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS6121K BOTHHAND-TS6121K_1 Datasheet
196Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS21AYHF BOTHHAND-TS21AYHF Datasheet
232Kb / 2P
   10/100 BASE PULSE TRANSFORMER
TS6121A BOTHHAND-TS6121A_1 Datasheet
260Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS8121KLF BOTHHAND-TS8121KLF Datasheet
79Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS8114LF BOTHHAND-TS8114LF Datasheet
76Kb / 1P
   10 /100 BASE PULSE TRANSFORMER
TS6122M BOTHHAND-TS6122M Datasheet
266Kb / 2P
   10/100 BASE PULSE TRANSFORMER
TS6122 BOTHHAND-TS6122 Datasheet
261Kb / 1P
   10/100 BASE PULSE TRANSFORMER
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com