Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M1-8S05 Datasheet(PDF) 2 Page - Bothhand USA, LP.

No. de pieza M1-8S05
Descripción Electrónicos  7~10 Watts Switching Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOTHHAND [Bothhand USA, LP.]
Página de inicio  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

M1-8S05 Datasheet(HTML) 2 Page - Bothhand USA, LP.

  M1-8S05 Datasheet HTML 1Page - Bothhand USA, LP. M1-8S05 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
M1-
ORDERING INFORMATION
Unit: m.m.
Output Plug List
Output Voltage
8
Output Watts
S
MECHANICAL
0 5 - 1 A
Standard Output Cable:
M1-8S05: 20AWG, UL 2468, 1800mm.
Others: 18AWG, UL SPT-1, 1800mm.


Número de pieza similar - M1-8S05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marki Microwave
M1-0008 MARKIMICROWAVE-M1-0008 Datasheet
320Kb / 6P
   DOUBLE-BALANCED MIXERS
M1-0008LQP MARKIMICROWAVE-M1-0008LQP Datasheet
320Kb / 6P
   DOUBLE-BALANCED MIXERS
M1-0012 MARKIMICROWAVE-M1-0012 Datasheet
322Kb / 7P
   DOUBLE-BALANCED MIXERS
M1-0204 MARKIMICROWAVE-M1-0204 Datasheet
175Kb / 2P
   DOUBLE-BALANCED MIXERS
M1-0208 MARKIMICROWAVE-M1-0208 Datasheet
242Kb / 3P
   DOUBLE-BALANCED MIXERS
More results

Descripción similar - M1-8S05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
SP9715 BOTHHAND-SP9715 Datasheet
49Kb / 2P
   10~15 Watts Switching Adapter
SA06H12 BOTHHAND-SA06H12 Datasheet
41Kb / 2P
   30 Watts Switching Adapter
EA1060C BOTHHAND-EA1060C Datasheet
40Kb / 2P
   36 Watts Switching Adapter
SA0612 BOTHHAND-SA0612 Datasheet
43Kb / 2P
   20 Watts Switching Adapter
SA01H12 BOTHHAND-SA01H12 Datasheet
50Kb / 2P
   15 Watts Switching Adapter
EA1050E BOTHHAND-EA1050E Datasheet
40Kb / 2P
   30~42 Watts Switching Adapter
SA0104 BOTHHAND-SA0104 Datasheet
49Kb / 2P
   5~7.5 Watts Switching Adapter
SA023V3 BOTHHAND-SA023V3 Datasheet
53Kb / 2P
   6~15 Watts Switching Adapter
EA1060A BOTHHAND-EA1060A Datasheet
40Kb / 2P
   50~60 Watts Switching Adapter
SA06L3V3 BOTHHAND-SA06L3V3 Datasheet
46Kb / 2P
   6~15 Watts Switching Adapter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com