Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSD355-62V-XX Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

No. de pieza LSD355-62V-XX
Descripción Electrónicos  SINGLE DIGIT LED DISPLAY(0.39Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD355-62V-XX Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSD355-62V-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD355-62V-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD355-62V-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD355-62V-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD355-62V-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD355-62V-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD355-62V-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD355-62V-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
LSD355-62V-XX
PART NO.
Package Dimensions
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 1/7
7.62
(0.3")
9.85
(0.388")
0.45
TYP.
LSD355/62V-XX
LIGITEK
10.0
(0.394)
PIN NO.1
7.0
(0.276")
5.0
±0.5
ψ1.2(0.047")
12.9
(0.508")
2.54X4=
10.16
(0.4")


Número de pieza similar - LSD355-62V-XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LSD355-62-XX-PF LIGITEK-LSD355-62-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-62-XX-S4 LIGITEK-LSD355-62-XX-S4 Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
LSD355-62P-XX LIGITEK-LSD355-62P-XX Datasheet
119Kb / 8P
   SINGLE DIGIT LED DISPLAY(0.39Inch)
More results

Descripción similar - LSD355-62V-XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LSD375-6A-XX-PF LIGITEK-LSD375-6A-XX-PF Datasheet
141Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-65-XX-P21-PF LIGITEK-LSD355-65-XX-P21-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBKS-XX-S3 LIGITEK-LSD355-6SBKS-XX-S3 Datasheet
128Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-66F-XX-PF LIGITEK-LSD355-66F-XX-PF Datasheet
161Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD375-61-XX-PF LIGITEK-LSD375-61-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-62-XX-PF LIGITEK-LSD355-62-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBKS-XX-P19-PF LIGITEK-LSD355-6SBKS-XX-P19-PF Datasheet
133Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBK-XX-PF LIGITEK-LSD355-6SBK-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-62P-XX LIGITEK-LSD355-62P-XX Datasheet
119Kb / 8P
   SINGLE DIGIT LED DISPLAY(0.39Inch)
LSD355-65-XX-PF LIGITEK-LSD355-65-XX-PF Datasheet
142Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com