Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSD511-2SBKS-XX-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

No. de pieza LSD511-2SBKS-XX-PF
Descripción Electrónicos  SINGLE DIGIT LED DISPLAY (0.56 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD511-2SBKS-XX-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSD511-2SBKS-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD511-2SBKS-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD511-2SBKS-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD511-2SBKS-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD511-2SBKS-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD511-2SBKS-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD511-2SBKS-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD511-2SBKS-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD511-2SBKS-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
-25 ~ +85
Tstg
Storage Temperature
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
λD
(nm)
460
Part Selection And Application Information(Ratings at 25)
InGaN/SiC
Material
LSD511SBKS-XX-PF
PART NO
Common
Cathode
Common
Anode
Bule
common
cathode
or anode
Emitted
CHIP
Electrical
Max.
3.5
26
4.2
Typ.
△λ
(nm)
Vf(v)
2:1
8.5
12.8
IV-M
Min.
Typ.
Iv(mcd)
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Power Dissipation Per Chip
Operating Temperature
Reverse Current Per Any Chip
Topr
PD
Ir
Forward Current Per Chip
Parameter
IFP
IF
Symbol
-20 ~ +80
120
50
μA
mW
100
30
Ratings
SBKS
mA
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
Page 4/8
LSD512SBKS-XX-PF
V
500
ESD
Electrostatic Discharge( * )
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
PART NO. LSD511/2SBKS-XX-PF


Número de pieza similar - LSD511-2SBKS-XX-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LSD511-21-XX LIGITEK-LSD511-21-XX Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-21-XX-PF LIGITEK-LSD511-21-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-22-XX LIGITEK-LSD511-22-XX Datasheet
95Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-22-XX-PF LIGITEK-LSD511-22-XX-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-22V-XX LIGITEK-LSD511-22V-XX Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
More results

Descripción similar - LSD511-2SBKS-XX-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LSD511-24-XX LIGITEK-LSD511-24-XX Datasheet
91Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-2DBK-XX-PF LIGITEK-LSD511-2DBK-XX-PF Datasheet
164Kb / 10P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-21-XX-PF LIGITEK-LSD511-21-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-25-XX-PF LIGITEK-LSD511-25-XX-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-26-XX LIGITEK-LSD511-26-XX Datasheet
93Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-22-XX-PF LIGITEK-LSD511-22-XX-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-25-XX-RP63-PF LIGITEK-LSD511-25-XX-RP63-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-22V-XX LIGITEK-LSD511-22V-XX Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-24-T-XX LIGITEK-LSD511-24-T-XX Datasheet
90Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-24-XX-PF LIGITEK-LSD511-24-XX-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com