Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD-xxxxDx Datasheet(PDF) 3 Page - Bothhand USA, LP.

No. de pieza BD-xxxxDx
Descripción Electrónicos  2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOTHHAND [Bothhand USA, LP.]
Página de inicio  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BD-xxxxDx Datasheet(HTML) 3 Page - Bothhand USA, LP.

  BD-xxxxDx Datasheet HTML 1Page - Bothhand USA, LP. BD-xxxxDx Datasheet HTML 2Page - Bothhand USA, LP. BD-xxxxDx Datasheet HTML 3Page - Bothhand USA, LP. BD-xxxxDx Datasheet HTML 4Page - Bothhand USA, LP. BD-xxxxDx Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BD Series
2 to 6 Watt Isolated DC-DC Converter
Single / Dual Output
BOTHHAND USA. http://www.bothhand.com
Mechanical Dimension:
:( Single O/P )
(1).
(1).
(1).
(1). Plastic Case
Plastic Case
Plastic Case
Plastic Case:
(2).
(2).
(2).
(2). Nickel Coated Metal Case
Nickel Coated Metal Case
Nickel Coated Metal Case
Nickel Coated Metal Case:
Pin
Single Output
Pin
1
---
---
24
2
23
3
-Vin
+Vin
22
4
21
5
20
6
19
7
18
8
---
---
17
9
NC
Vo (-)
16
10
---
---
15
11
NC
Vo (+)
14
12
---
---
13
Note:” --- “ means Omitted
Units : mm ( inch )
Tolerance : .xx ± 0.25
( ± 0.01 )


Número de pieza similar - BD-xxxxDx

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
American Microsemicondu...
BD-1 AMMSEMI-BD-1 Datasheet
142Kb / 1P
   tunnel diodes
logo
Bothhand USA, LP.
BD-1205D2LF BOTHHAND-BD-1205D2LF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BD-1205D4LF BOTHHAND-BD-1205D4LF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BD-1205D6LF BOTHHAND-BD-1205D6LF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BD-1205S2LF BOTHHAND-BD-1205S2LF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
More results

Descripción similar - BD-xxxxDx

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505SS BOTHHAND-B3-0505SS Datasheet
402Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
BB-123R3S BOTHHAND-BB-123R3S Datasheet
261Kb / 3P
   1 to 2 Watt Isolated DC-DC Converter Single / Dual Output
BP-LF-SERIES BOTHHAND-BP-LF-SERIES Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BDLF BOTHHAND-BDLF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BD-LF-SERIES BOTHHAND-BD-LF-SERIES Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BPLF BOTHHAND-BPLF Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
B7-123R3S10 BOTHHAND-B7-123R3S10 Datasheet
319Kb / 3P
   10 to 15 Watt Isolated DC-DC Converter Single / Dual Output
logo
Microdc power Technolog...
2A-NXT MICRODC-2A-NXT Datasheet
674Kb / 4P
   2 Watt FIXED INPUT, ISOLATED Dual Single SMD Output DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com