Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LSEF4333-PF Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd. |
|
LSEF4333-PF Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd. |
6 / 6 page 5/5 Page LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1 MIL-STD-883:1008 JIS C 7021: B-10 Reference Standard JIS C 7021: B-12 MIL-STD-202:103B JIS C 7021: B-11 MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011 Description Test Condition 1.Under Room Temperature 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs) 1.Ta=105 ℃±5℃ 2.t=1000 hrs (-24hrs, +72hrs) This test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed. Test Item Operating Life Test High Temperature Storage Test Reliability Test: 1.Ta=-40 ℃±5℃ 2.t=1000 hrs (-24hrs, +72hrs) The purpose of this test is the resistance of the device under tropical for hours. The purpose of this is the resistance of the device which is laid under condition of low temperature for hours. 1.Ta=105 ℃±5℃&-40℃±5℃ (10min) (10min) 2.total 10 cycles The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. 1.Ta=65 ℃±5℃ 2.RH=90 %~95% 3.t=240hrs ±2hrs Low Temperature Storage Test High Temperature High Humidity Test Thermal Shock Test The purpose of this is the resistance of the device which is laid under condition of high temperature for hours. MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2 1.T.Sol=230 ℃±5℃ 2.Dwell time=5 ±1sec This test intended to see soldering well performed or not. Solderability Test MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1 This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire. 1.T.Sol=260 ℃±5℃ 2.Dwell time= 10 ±1sec. Solder Resistance Test LSEF4333-PF PART NO. |
Número de pieza similar - LSEF4333-PF |
|
Descripción similar - LSEF4333-PF |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |