Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSEG3392-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

No. de pieza LSEG3392-PF
Descripción Electrónicos  DUAL COLOR LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSEG3392-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSEG3392-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSEG3392-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSEG3392-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSEG3392-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSEG3392-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSEG3392-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSEG3392-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
600
550
500
Wavelength (nm)
0.0
0.5
650
80
Fig.5 Relative Intensity vs. Wavelength
1.0
Ambient Temperature(
)
-40
-20
0.8
40
20
0
60
40
Ambient Temperature(
)
-40
100
0.0
0
-20
20
60
80
100
Fig.3 Forward Voltage vs. Temperature
1.1
0.9
1.0
1.2
0.5
1.0
1.5
2.0
Fig.4 Relative Intensity vs. Temperature
2.5
3.0
4/6
Page
2.5
100
Forward Voltage(V)
2.0
1.0
0.1
3.0
4.0
1.0
10
Forward Current(mA)
1.0
5.0
0.0
10
100
1000
0.5
1.0
2.0
1.5
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
1000
G CHIP
Fig.2 Relative Intensity vs. Forward Current
3.0
3.5
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LSEG3392-PF


Número de pieza similar - LSEG3392-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LSEG32662-S11-H-PF LIGITEK-LSEG32662-S11-H-PF Datasheet
125Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSEG32662/S11/H-PF LIGITEK-LSEG32662/S11/H-PF Datasheet
125Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSEG35162 LIGITEK-LSEG35162 Datasheet
118Kb / 6P
   BIPOLAR TYPE LED LAMPS
LSEG35162-PF LIGITEK-LSEG35162-PF Datasheet
112Kb / 6P
   BIPOLAR TYPE LED LAMPS
LSEG35162-R1 LIGITEK-LSEG35162-R1 Datasheet
118Kb / 6P
   BIPOLAR TYPE LED LAMPS
More results

Descripción similar - LSEG3392-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LHRF9UG2692-R12-PF LIGITEK-LHRF9UG2692-R12-PF Datasheet
149Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG23092-P1 LIGITEK-LHRF9UG23092-P1 Datasheet
88Kb / 6P
   DUAL COLOR LED LAMPS
LHRF9UG42292-R1-PF LIGITEK-LHRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG42293-S14-PF LIGITEK-LHRF9UG42293-S14-PF Datasheet
113Kb / 7P
   DUAL COLOR LED LAMPS
LHY9UG34063-R1-PF LIGITEK-LHY9UG34063-R1-PF Datasheet
129Kb / 7P
   DUAL COLOR LED LAMPS
LSBKS9UG2093 LIGITEK-LSBKS9UG2093 Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRF9UG42292-R1-PF LIGITEK-LSRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBK2093-R1-PF LIGITEK-LSRFSBK2093-R1-PF Datasheet
161Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBKS3393-R1 LIGITEK-LSRFSBKS3393-R1 Datasheet
122Kb / 7P
   DUAL COLOR LED LAMPS
LSRFVG2092-R1 LIGITEK-LSRFVG2092-R1 Datasheet
110Kb / 6P
   DUAL COLOR LED LAMPS
LSRFVY3392-R1-PF LIGITEK-LSRFVY3392-R1-PF Datasheet
126Kb / 7P
   DUAL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com