Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSEG27492-S18-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

No. de pieza LSEG27492-S18-PF
Descripción Electrónicos  RECTANGLE TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSEG27492-S18-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSEG27492-S18-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSEG27492-S18-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSEG27492-S18-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSEG27492-S18-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSEG27492-S18-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSEG27492-S18-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSEG27492-S18-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
600
550
500
Wavelength (nm)
0.0
0.5
650
80
Fig.5 Relative Intensity vs. Wavelength
1.0
Ambient Temperature(
)
-40
-20
0.8
40
20
0
60
40
Ambient Temperature(
)
-40
100
0.0
0
-20
20
60
80
100
Fig.3 Forward Voltage vs. Temperature
1.1
0.9
1.0
1.2
0.5
1.0
1.5
2.0
Fig.4 Relative Intensity vs. Temperature
2.5
3.0
4/6
PART NO.
Page
2.5
100
Forward Voltage(V)
2.0
1.0
0.1
3.0
4.0
1.0
10
Forward Current(mA)
1.0
5.0
0.0
10
100
1000
0.5
1.0
2.0
1.5
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
1000
G CHIP
Fig.2 Relative Intensity vs. Forward Current
3.0
3.5
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LSEG27492/S18-PF


Número de pieza similar - LSEG27492-S18-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LSEG27492-S10-PF LIGITEK-LSEG27492-S10-PF Datasheet
130Kb / 7P
   RECTANGLE TYPE LED LAMPS
LSEG27492-S16-PF LIGITEK-LSEG27492-S16-PF Datasheet
124Kb / 7P
   RECTANGLE TYPE LED LAMPS
More results

Descripción similar - LSEG27492-S18-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
L8G65540-PF LIGITEK-L8G65540-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8G75840 LIGITEK-L8G75840 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y55140-PF LIGITEK-L8Y55140-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y65540-S6-PF LIGITEK-L8Y65540-S6-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE5730 LIGITEK-L9SE5730 Datasheet
125Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE75640-PF LIGITEK-L9SE75640-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
LVA45740-S29-PF LIGITEK-LVA45740-S29-PF Datasheet
145Kb / 6P
   RECTANGLE TYPE LED LAMPS
LEG27492-S27-PF LIGITEK-LEG27492-S27-PF Datasheet
127Kb / 7P
   RECTANGLE TYPE LED LAMPS
LDGL65540-S8 LIGITEK-LDGL65540-S8 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230 LIGITEK-LG5230 Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230-PF LIGITEK-LG5230-PF Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com