Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSEG35192-S44-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

No. de pieza LSEG35192-S44-PF
Descripción Electrónicos  BIPOLAR TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSEG35192-S44-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSEG35192-S44-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSEG35192-S44-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSEG35192-S44-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSEG35192-S44-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSEG35192-S44-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSEG35192-S44-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSEG35192-S44-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Storage Temperature
Tstg
-40 ~ +100
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
)
PART NO. LSEG35192/S44-PF
Page 2/6
Absolute Maximum Ratings at Ta=25
Forward Current
Operating Temperature
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Parameter
20
30
mA
IF
-40 ~ +85
10
Topr
Ir
μA
PD
80
IFP
80
100
mW
120
mA
Ratings
SE
Symbol
G
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Max.
Emitted
Typ.
Lens
Max.
Min.
Min.
45
GaAsP/GaP
LSEG35192/S44-PF
GaP
Green
30
565
Orange
610
28
20
12
15
100
78
15
12
20
9
100
78
Spectral
halfwidth
△λnm
MATERIAL
PART NO
COLOR
Peak
wave
length
λPnm
Reverse
current
(uA)
VR= 5V
Luminous
intensity
(mcd)
@3.3V
Forward
current
(mA)
@ 3.3V
Viewing
angle
2
θ 1/2
(deg)
White Diffused


Número de pieza similar - LSEG35192-S44-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LSEG35162 LIGITEK-LSEG35162 Datasheet
118Kb / 6P
   BIPOLAR TYPE LED LAMPS
LSEG35162-PF LIGITEK-LSEG35162-PF Datasheet
112Kb / 6P
   BIPOLAR TYPE LED LAMPS
LSEG35162-R1 LIGITEK-LSEG35162-R1 Datasheet
118Kb / 6P
   BIPOLAR TYPE LED LAMPS
LSEG35162-S35-PF LIGITEK-LSEG35162-S35-PF Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSEG35162-S36-PF LIGITEK-LSEG35162-S36-PF Datasheet
127Kb / 7P
   BIPOLAR TYPE LED LAMPS
More results

Descripción similar - LSEG35192-S44-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
L9SE8G65562-PF LIGITEK-L9SE8G65562-PF Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
L2DBK2363 LIGITEK-L2DBK2363 Datasheet
111Kb / 6P
   BIPOLAR TYPE LED LAMPS
L2SBKS2363 LIGITEK-L2SBKS2363 Datasheet
108Kb / 6P
   BIPOLAR TYPE LED LAMPS
LHYS9UG42462-S2 LIGITEK-LHYS9UG42462-S2 Datasheet
118Kb / 6P
   BIPOLAR TYPE LED LAMPS
LII2660-PF LIGITEK-LII2660-PF Datasheet
112Kb / 6P
   BIPOLAR TYPE LED LAMPS
LHRFSBKS2363 LIGITEK-LHRFSBKS2363 Datasheet
121Kb / 7P
   BIPOLAR TYPE LED LAMPS
LHRFUG3362-PF-TRS-13 LIGITEK-LHRFUG3362-PF-TRS-13 Datasheet
169Kb / 8P
   BIPOLAR TYPE LED LAMPS
LHY9UG3362-R1-PF LIGITEK-LHY9UG3362-R1-PF Datasheet
150Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSBKS9UG35162 LIGITEK-LSBKS9UG35162 Datasheet
127Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSEDBK3342-L1 LIGITEK-LSEDBK3342-L1 Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
LYG35162-PF LIGITEK-LYG35162-PF Datasheet
150Kb / 7P
   BIPOLAR TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com