Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSG42743 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

No. de pieza LSG42743
Descripción Electrónicos  TOWER TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSG42743 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSG42743 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSG42743 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSG42743 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSG42743 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSG42743 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
4/4
Page
PART NO. LSG42743
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Reference
Standard
Description
This test is conducted for the purpose
of detemining the resisance of a part
in electrical and themal stressed.
Reliability Test:
Test Item
Operating Life Test
Test Condition
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of
the device which is laid under ondition
of high temperature for hours.
The purpose of this test is the resistance
of the device under tropical for hous.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
High Temperature
Storage Test
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
High Temperature
High Humidity Test
Low Temperature
Storage Test
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
MIL-STD-883:1008
JIS C 7021: B-10
JIS C 7021: B-12
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
MIL-STD-202:103B
JIS C 7021: B-11
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
This test intended to see soldering well
performed or not.
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
Thermal Shock Test
Solderability Test
Solder Resistance
Test
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2


Número de pieza similar - LSG42743

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Solid State E...
LSG4L HONEYWELL-LSG4L Datasheet
11Mb / 38P
   MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results

Descripción similar - LSG42743

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LSR1030-PF LIGITEK-LSR1030-PF Datasheet
108Kb / 6P
   TOWER TYPE LED LAMPS
LY42740-C1 LIGITEK-LY42740-C1 Datasheet
104Kb / 5P
   TOWER TYPE LED LAMPS
LG1030-PF LIGITEK-LG1030-PF Datasheet
1Mb / 6P
   TOWER TYPE LED LAMPS
LG11430-PF LIGITEK-LG11430-PF Datasheet
111Kb / 6P
   TOWER TYPE LED LAMPS
LE42741-C2 LIGITEK-LE42741-C2 Datasheet
103Kb / 5P
   TOWER TYPE LED LAMPS
LG21441-PF LIGITEK-LG21441-PF Datasheet
110Kb / 6P
   TOWER TYPE LED LAMPS
LSR21440-PF LIGITEK-LSR21440-PF Datasheet
137Kb / 6P
   TOWER TYPE LED LAMPS
LSE21641-PF LIGITEK-LSE21641-PF Datasheet
110Kb / 6P
   TOWER TYPE LED LAMPS
LI11240-PF LIGITEK-LI11240-PF Datasheet
111Kb / 6P
   TOWER TYPE LED LAMPS
LY1030 LIGITEK-LY1030 Datasheet
70Kb / 5P
   TOWER TYPE LED LAMPS
LY1030-PF LIGITEK-LY1030-PF Datasheet
110Kb / 6P
   TOWER TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com