Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP112A Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de pieza TLP112A
Descripción Electrónicos  Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Invertor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP112A Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP112A Datasheet HTML 1Page - Toshiba Semiconductor TLP112A Datasheet HTML 2Page - Toshiba Semiconductor TLP112A Datasheet HTML 3Page - Toshiba Semiconductor TLP112A Datasheet HTML 4Page - Toshiba Semiconductor TLP112A Datasheet HTML 5Page - Toshiba Semiconductor TLP112A Datasheet HTML 6Page - Toshiba Semiconductor TLP112A Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TLP112A
2002-09-25
6
tpHL, tpLH – RL
Load resistance RL (kΩ)
3
1
0.3
1
5
10
50
100
0.1
5
30
3
0.5
tpLH
tpHL
IF = 16mA
VCC = 5V
Ta = 25°C
tpHL, tpLH – Ta
Ambient temperature Ta (°C)
3
1
0.3
0
40
80
100
0.1
60
20
0.5
tpLH
tpHL
IF = 16mA
VCC = 5V
RL = 1.9kΩ
VOL – Ta
-25
25
50
75
0
0.2
0.4
0.3
0.1
100
0
IO = 2.4mA
IF = 16mA
1.1mA
8mA
VCC = 5V
Ambient temperature Ta (°C)
IO – VO
20
16
4
0
5
4
3
2
1
0
8
12
Output voltage VO (V)
VCC = 5V
Ta = 25°C
10mA
20mA
25mA
IF = 5mA
15mA


Número de pieza similar - TLP112A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP112A TOSHIBA-TLP112A Datasheet
188Kb / 7P
   Photo−IC Digital Logic Isolation
TLP112A TOSHIBA-TLP112A Datasheet
161Kb / 7P
   Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
TLP112ATPLF TOSHIBA-TLP112ATPLF Datasheet
161Kb / 7P
   Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
TLP112A TOSHIBA-TLP112A_07 Datasheet
188Kb / 7P
   Photo−IC Digital Logic Isolation
More results

Descripción similar - TLP112A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP114A TOSHIBA-TLP114A Datasheet
159Kb / 7P
   Digital Logic Isolation. Line Receiver. Power Supply Control Feedback Control. Switching Power Supply. Transistor Invertor.
TLP112 TOSHIBA-TLP112 Datasheet
159Kb / 7P
   Digital Logic Isolation Line Receiver Switching Power Supply Feedback Control Transistor Invertor
TLP112ATPLF TOSHIBA-TLP112ATPLF Datasheet
161Kb / 7P
   Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
TLP559 TOSHIBA-TLP559 Datasheet
254Kb / 5P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
TLP759F TOSHIBA-TLP759F Datasheet
113Kb / 2P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
TLP2531F TOSHIBA-TLP2531F Datasheet
188Kb / 8P
   Digital Logic Isolation Line Receiver Power Supply Control Switching Power Supply Transistor Inverter
TLP512 TOSHIBA-TLP512 Datasheet
174Kb / 7P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Inverter
TLP751 TOSHIBA-TLP751 Datasheet
548Kb / 7P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation
TLP559 TOSHIBA-TLP559_07 Datasheet
190Kb / 7P
   Switching Power Supply Feedback Control
TLP719 TOSHIBA-TLP719_15 Datasheet
423Kb / 7P
   Digital logic ground isolation Line receivers Microprocessor system interfaces Switching power supply feedback control Industrial invertors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com