Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL15316ZC-XXXT Datasheet(PDF) 8 Page - SpectraLinear Inc

No. de pieza SL15316ZC-XXXT
Descripción Electrónicos  Programmable Spread Spectrum Clock Generator (SSCG)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPECTRALINEAR [SpectraLinear Inc]
Página de inicio  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL15316ZC-XXXT Datasheet(HTML) 8 Page - SpectraLinear Inc

Back Button SL15316ZC-XXXT Datasheet HTML 4Page - SpectraLinear Inc SL15316ZC-XXXT Datasheet HTML 5Page - SpectraLinear Inc SL15316ZC-XXXT Datasheet HTML 6Page - SpectraLinear Inc SL15316ZC-XXXT Datasheet HTML 7Page - SpectraLinear Inc SL15316ZC-XXXT Datasheet HTML 8Page - SpectraLinear Inc SL15316ZC-XXXT Datasheet HTML 9Page - SpectraLinear Inc SL15316ZC-XXXT Datasheet HTML 10Page - SpectraLinear Inc SL15316ZC-XXXT Datasheet HTML 11Page - SpectraLinear Inc SL15316ZC-XXXT Datasheet HTML 12Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Rev 1.0, August 7, 2008
Page 8 of 12
SL15316
Input Low Current
IIL
VIN=GND, Pins programmed as
PD#, OE, SSON# or FS and no
pull-up/down resister used
-15
-
15
μA
Pull-up or Down Resistors
RPU/D
Pins programmed as PD#, OE,
SSON# or FS
90
150
275
kΩ
Operating Supply Current
IDD
FIN=25MHz Clock, all 5 clocks
are at 66MHz, +/-1.0% Spread,
CL=0, VDD=VDDO1/2=3.3V
-
8.0
TBD
mA
Standby Current
ISBC
If programmed PD#=GND
-
70
120
μA
Output Leakage Current
IOL
For Pins programmed as
SSCLK or REFOUT and if PD#
or OE is programmed.
PD#=0 or OE=1
-15
-
15
μA
Minimum programming value
-
7
-
pF
Programmable Input
Capacitance at Pins 3 and 4
PCin
PCout
Maximum programming value
-
38
-
pF
Input Capacitance
CIN2
Pins programmed as PD#, OE,
SSON or FS
-
4
6
pF
Load Capacitance
CL
For all pins programmed as
SSCLK or REFCLK
-
-
15
pF
AC Electrical Characteristics (C and I-Grades)
Unless otherwise stated VDD= 2.5V+/- 10% and CL=15pF
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Frequency Range
FIN1
Crystal or Ceramic Resonator
8
-
48
MHz
Input Frequency Range
FIN2
External Clock
3
-
166
MHz
Output Frequency Range FOUT1
SSCLK
3
-
200
MHz
Output Frequency Range FOUT2
REFCLK, crystal or resonator input
0.25
-
48
MHz
Output Frequency Range FOUT3
REFCLK, clock input
0.25
-
166
MHz
Output Duty Cycle
DC1
SSCLK
45
50
55
%
Output Duty Cycle
DC2
REFCLK
45
50
55
%
Input Duty Cycle
DCIN
Clock Input, Pin 3
40
50
60
%
Output Rise/Fall Time
tr/f1
Programmable, VDD=3.3V,
CL=15pF, 20 to 80% of VDD
-
3.8
-
ns
Output Rise/Fall Time
tr/f2
Programmable, VDD=3.3V,
CL=15pF, 20 to 80% of VDD
-
1.9
-
ns
Output Rise/Fall Time
tr/f3
Programmable, VDD=3.3V,
CL=15pF, 20 to 80% of VDD
-
1.4
-
ns
Output Rise/Fall Time
tr/f4
Programmable, VDD=3.3V,
CL=15pF, 20 to 80% of VDD
-
1.0
-
ns
Output Rise/Fall Time
tr/f5
Programmable, VDD=3.3V,
-
0.85
-
ns


Número de pieza similar - SL15316ZC-XXXT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SpectraLinear Inc
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
logo
AMETHERM Circuit Protec...
SL1530003 AMETHERM-SL1530003 Datasheet
33Kb / 1P
   Circuit Protection Thermistors
SL1530003-A AMETHERM-SL1530003-A Datasheet
33Kb / 1P
   Circuit Protection Thermistors
SL1530003-B AMETHERM-SL1530003-B Datasheet
33Kb / 1P
   Circuit Protection Thermistors
SL1530003-L AMETHERM-SL1530003-L Datasheet
30Kb / 1P
   Circuit Protection Thermistors
More results

Descripción similar - SL15316ZC-XXXT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SpectraLinear Inc
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15100 SPECTRALINEAR-SL15100 Datasheet
191Kb / 16P
   Prigrammable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com