Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Q12.0-JXG53P2-12-30 Datasheet(PDF) 2 Page - Jauch Quartz Gmbh

No. de pieza Q12.0-JXG53P2-12-30
Descripción Electrónicos  SMQDu Qarutaz rCtzr yCsrtyasl
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JAUCH [Jauch Quartz Gmbh]
Página de inicio  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

Q12.0-JXG53P2-12-30 Datasheet(HTML) 2 Page - Jauch Quartz Gmbh

  Q12.0-JXG53P2-12-30 Datasheet HTML 1Page - Jauch Quartz Gmbh Q12.0-JXG53P2-12-30 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
8.0
4.0
1.7
3.7
ø 1.5
Feeding
Taping Specification
1000 pcs per reel
in mm
2.0
ø21
120°
SMD Quartz Crystal · JXG53P2
temperature (°C)
time (s)
150
260
200
50
100
60 ~180 s
60 s max.
10 s max.
260 °C max.
180 ±5 °C
220 ±5 °C
Reflow Soldering Profile
note: parts are also suitable for soldering systems with lead (Pb) content
Load Capacitance Codes
8 pF: k
9 pF: n
10 pF: h
11 pF: l
12 pF: a
13 pF: v
22 pF: g
24 pF: d
25 pF: r
27 pF: w
30 pF: .
series: s
T: 3rd OT
14 pF: x
15 pF: j
16 pF: b
17 pF: t
18 pF: f
20 pF: c
example 12.0 MHz / 12 pF: 12a00
12.4


Número de pieza similar - Q12.0-JXG53P2-12-30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jauch Quartz Gmbh
Q12.0-JXG53P4-12-100 JAUCH-Q12.0-JXG53P4-12-100 Datasheet
126Kb / 2P
   SMQDu Qarutaz rCtzr yCsrtyasl
Q12.0-JXG53P4-12-30 JAUCH-Q12.0-JXG53P4-12-30 Datasheet
126Kb / 2P
   SMQDu Qarutaz rCtzr yCsrtyasl
Q12.0-JXG53P4-12-50 JAUCH-Q12.0-JXG53P4-12-50 Datasheet
126Kb / 2P
   SMQDu Qarutaz rCtzr yCsrtyasl
More results

Descripción similar - Q12.0-JXG53P2-12-30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jauch Quartz Gmbh
JXG53P4 JAUCH-JXG53P4 Datasheet
126Kb / 2P
   SMQDu Qarutaz rCtzr yCsrtyasl
HC49-U JAUCH-HC49-U Datasheet
170Kb / 2P
   QuQarutza rCtzr yCsrtyasl
MQ5 JAUCH-MQ5 Datasheet
152Kb / 2P
   QuQarutza rCtzr yCsrtyas
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com