Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
Q10.0-JXG75P2-12-100 Datasheet(PDF) 2 Page - Jauch Quartz Gmbh |
|
Q10.0-JXG75P2-12-100 Datasheet(HTML) 2 Page - Jauch Quartz Gmbh |
2 / 2 page Jauch Quartz GmbH • e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com All specifications are subject to change without notice SMD Quartz Crystal · JXG75P2 8.0 4.0 1.9 5.4 ø 1.5 Feeding Taping Specification 1000 pcs per reel 2.0 ø 21 120° 17.5 temperature (°C) time (s) 150 260 200 50 100 60 ~180 s 60 s max. 10 s max. 260 °C max. 180 ±5 °C 220 ±5 °C Reflow Soldering Profile note: parts are also suitable for soldering systems with lead (Pb) content Load Capacitance Codes 8 pF: k 9 pF: n 10 pF: h 11 pF: l 12 pF: a 13 pF: v 22 pF: g 24 pF: d 25 pF: r 27 pF: w 30 pF: . series: s T: 3rd OT 14 pF: x 15 pF: j 16 pF: b 17 pF: t 18 pF: f 20 pF: c example 8.0 MHz / 12 pF: 8a000 in mm |
Número de pieza similar - Q10.0-JXG75P2-12-100 |
|
Descripción similar - Q10.0-JXG75P2-12-100 |