Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD-2658S Datasheet(PDF) 1 Page - Bothhand USA, LP. |
|
AD-2658S Datasheet(HTML) 1 Page - Bothhand USA, LP. |
|
1 / 1 page P/N: AD-2658S DATA SHEET Feature Excellent Longitudinal Balance performance. Operating temperature range: 0℃ to+60℃. Storage temperature range: -25℃ to +75℃. Electrical Specifications @ 25°C Turn Ratio (±2%) OCL (uH±10%) @ 10KHz/0.1V Part Number Mounting (6-10):(5-1) (6-10),(9+7)short Longitudinal Balance (dB Min) (100KHz-1MHz) AD-2658S SMT 3.3:1 800 -45 Additional Specifications Leakage Inductance (uH Max)@ 100KHz/0.1V DC Resistance (Ω Max) Part Number (6-10),(7+9,1+4+2+5)short (6-9) (5-2) Isolation Voltage (Vrms) AD-2658S 15 0.65 0.24 1875 Schematic Mechanical 462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434 Bothhandusa.com ADSL LINE TRANSFORMER |
Número de pieza similar - AD-2658S |
|
Descripción similar - AD-2658S |