Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM8GZ47A Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza SM8GZ47A
Descripción Electrónicos  AC POWER CONTROL APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SM8GZ47A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SM8GZ47A Datasheet HTML 1Page - Toshiba Semiconductor SM8GZ47A Datasheet HTML 2Page - Toshiba Semiconductor SM8GZ47A Datasheet HTML 3Page - Toshiba Semiconductor SM8GZ47A Datasheet HTML 4Page - Toshiba Semiconductor SM8GZ47A Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SM8GZ47,SM8JZ47,SM8GZ47A,SM8JZ47A
2001-07-13
1
TOSHIBA BI−DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM8GZ47,SM8JZ47,SM8GZ47A,SM8JZ47A
AC POWER CONTROL APPLICATIONS
l Repetitive Peak Off−State Voltage : VDRM = 400, 600V
l R.M.S ON−State Current
: IT (RMS) = 8A
l High Commutating (dv / dt)
l Isolation Voltage
: VISOL = 1500V AC
MAXIMUM RATINGS
CHARACTERISTIC
SYMBOL
RATING
UNIT
SM8GZ47
SM8GZ47A
400
Repetitive Peak
Off−State Voltage
SM8JZ47
SM8JZ47A
VDRM
600
V
R.M.S On−State Current
(Full Sine Waveform Tc = 83°C)
IT (RMS)
8
A
80 (50Hz)
Peak One Cycle Surge On-State
Current (Non−Repetitive)
ITSM
88 (60Hz)
A
I
2
t Limit Value
I
2
t
32
A
2
s
Critical Rate of Rise of On−State
Current
(Note 1)
di / dt
50
A / µs
Peak Gate Power Dissipation
PGM
5
W
Average Gate Power Dissipation
PG (AV)
0.5
W
Peak Gate Voltage
VGM
10
V
Peak Gate Current
IGM
2
A
Junction Temperature
Tj
−40~125
°C
Storage Temperature Range
Tstg
−40~125
°C
Isolation Voltage (AC, t = 1min.)
VISOL
1500
V
JEDEC
JEITA
TOSHIBA
13−10H1A
Weight: 1.7g
Unit: mm
Note 1: di / dt Test Condition
VDRM = 0.5×Rated
ITM ≤ 12A
tgw ≥ 10µs
tgr ≤ 250ns
iGP = IGT×2.0


Número de pieza similar - SM8GZ47A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
SM8G45 TOSHIBA-SM8G45 Datasheet
320Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8G45A TOSHIBA-SM8G45A Datasheet
320Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8G48 TOSHIBA-SM8G48 Datasheet
225Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8G48A TOSHIBA-SM8G48A Datasheet
225Kb / 5P
   AC POWER CONTROL APPLICATIONS
More results

Descripción similar - SM8GZ47A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
SM6G48 TOSHIBA-SM6G48 Datasheet
143Kb / 2P
   AC POWER CONTROL APPLICATIONS
SM08G43 TOSHIBA-SM08G43 Datasheet
191Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM1L43 TOSHIBA-SM1L43 Datasheet
180Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM3G45 TOSHIBA-SM3G45 Datasheet
223Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM10LZ47 TOSHIBA-SM10LZ47 Datasheet
99Kb / 3P
   AC POWER CONTROL APPLICATIONS
SM12JZ47A TOSHIBA-SM12JZ47A Datasheet
208Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8G48 TOSHIBA-SM8G48 Datasheet
225Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM16G45 TOSHIBA-SM16G45 Datasheet
200Kb / 5P
   AC POWER CONTROL APPLICATIONS
S6903G TOSHIBA-S6903G Datasheet
95Kb / 3P
   AC POWER CONTROL APPLICATIONS
SM2LZ47 TOSHIBA-SM2LZ47 Datasheet
187Kb / 5P
   AC POWER CONTROL APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com