Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

O0.5-VX3X Datasheet(PDF) 2 Page - Jauch Quartz Gmbh

No. de pieza O0.5-VX3X
Descripción Electrónicos  SMD Oscillator with Tristate Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JAUCH [Jauch Quartz Gmbh]
Página de inicio  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O0.5-VX3X Datasheet(HTML) 2 Page - Jauch Quartz Gmbh

  O0.5-VX3X Datasheet HTML 1Page - Jauch Quartz Gmbh O0.5-VX3X Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
Oscillator · VX3 · 5.0 V · Tristate Function
8.0±0.2
ø 1,5±0.1
4.0
2.0
0.3±0.1
2.7
5.4
Direction of feed
Taping Specification (JIS-C0806)
500 pcs per reel
in mm
2.0
ø21
120°
17.5
reel marking: type - OH/H
temperature (°C)
time (s)
150
260
200
50
100
60 ~180 s
60 s max.
10 s max.
260 °C max.
180 ±5 °C
220 ±5 °C
Reflow Soldering Profile
note: parts are also suitable for soldering systems with lead (Pb) content
Marking
type / frequency
date code:
A ~ M: Jan.- Dec.
5: 2005
6: 2006
7: 2007
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
Enable / Disable Function
pin #1 (e/d control)
pin #3 (output)
open
active
high ”1” (VIH ≥ 0.8 VDC)
active
low ”0” (VIL ≤ 0.2 VDC)
high impedance
disabled conditions:
• oscillator active
• output high impedance
standard packing units are 500 pieces per reel
non-multiple packing units are only supplied taped / bulk
Packing Note


Número de pieza similar - O0.5-VX3X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jauch Quartz Gmbh
O0.5-VX3D JAUCH-O0.5-VX3D Datasheet
143Kb / 2P
   SMD Oscillator with Stop Function
O0.5-VX3D-T1 JAUCH-O0.5-VX3D-T1 Datasheet
143Kb / 2P
   SMD Oscillator with Stop Function
O0.5-VX3DH JAUCH-O0.5-VX3DH Datasheet
143Kb / 2P
   SMD Oscillator with Stop Function
O0.5-VX3DH-T1 JAUCH-O0.5-VX3DH-T1 Datasheet
143Kb / 2P
   SMD Oscillator with Stop Function
O0.5-VX3DP JAUCH-O0.5-VX3DP Datasheet
143Kb / 2P
   SMD Oscillator with Stop Function
More results

Descripción similar - O0.5-VX3X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jauch Quartz Gmbh
JO75-5.0V JAUCH-JO75-5.0V Datasheet
228Kb / 2P
   SMD Oscillator with Tristate Function
logo
ILSI America LLC
ISM20 ILSI-ISM20 Datasheet
130Kb / 2P
   Tristate function available
logo
Golledge Electronics Lt...
GXOU101 GOLLEDGE-GXOU101 Datasheet
50Kb / 1P
   5V Tristate Oscillator
GXO-U103 GOLLEDGE-GXO-U103_16 Datasheet
170Kb / 1P
   3.3V Tristate Oscillator
logo
Jauch Quartz Gmbh
JO32-3.3V JAUCH-JO32-3.3V Datasheet
156Kb / 2P
   SMD Oscillator with Stop Function
JO53-5.0V JAUCH-JO53-5.0V Datasheet
162Kb / 2P
   SMD Oscillator with Stop Function
VX3-1.8V JAUCH-VX3-1.8V Datasheet
151Kb / 2P
   SMD Oscillator with Stop Function
JO22-3.3V JAUCH-JO22-3.3V Datasheet
168Kb / 2P
   SMD Oscillator with Stop Function
JO22-2.8V JAUCH-JO22-2.8V Datasheet
168Kb / 2P
   SMD Oscillator with Stop Function
JO22-1.8V JAUCH-JO22-1.8V Datasheet
168Kb / 2P
   SMD Oscillator with Stop Function
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com