Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST2602B Datasheet(PDF) 8 Page - Sitronix Technology Co., Ltd.

No. de pieza ST2602B
Descripción Electrónicos  8-bit Integrated Microcontroller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SITRONIX [Sitronix Technology Co., Ltd.]
Página de inicio  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2602B Datasheet(HTML) 8 Page - Sitronix Technology Co., Ltd.

Back Button ST2602B Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 12Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
ST2602B
Page
8/34
6
ELECTRICAL CHARACTERISTICS
6.1 Absolute Maximum Rations
DC Supply Voltage ----------------------------
-0.3V to +4.5V
Operating Ambient Temperature ----------
-10
°C to +60°C
Storage Temperature ------------------------ -10
°C to +125°C
6.2 DC Electrical Characteristics
Standard operation conditions: VCC = 3.0V, GND = 0V, TA = 25°C, OSC = 4M Hz, unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
2.4
3.0
3.6
V
Fosc = 3MHz
Operating Voltage
VCC
2.7
3.0
3.6
V
Fosc = 4MHz
Operating Frequency
F1
-
-
3
MHz
VCC = 2.4V ~ 3.6V
Operating Frequency
F2
-
-
4
MHz
VCC = 2.7 ~ 3.6V
Operating Current
IOP
2.5
3
mA
All I/O port are input and pull-up, execute NOP
instruction, LCDC on
Standby Current
ISB0
450
550
mA
All I/O port are input and pull-up, OSCX on, LCDC off
(WAIT0 mode)
Standby Current
ISB1
3.5
5
mA
All I/O port are input and pull-up, OSCX on, LCDC off
(WAIT1 mode)
Standby Current
ISB2
0.5
1
mA
All I/O port are input and pull-up, OSCX off, LCDC off
(WAIT1 mode)
Standby Current
ISB3
100
130
uA
LCD on, sysck = LCDCK = OSCX, OSC off, Wait0, no
panel (fast B/W mode)
Input High Voltage
VIH
0.7Vcc
Vcc+0.3
V
Port-C/D/E/L
0.85Vcc
V
RESET
Input Low Voltage
VIL
GND-0.3
0.3Vcc
V
Port-C/D/E/L
0.15Vccc
V
RESET
Pull-up resistance
RIH
150
K
W
Port-C/D/E/L (input Voltage=0.7VCC)
Output high voltage
VOH1
0.7Vcc
V
Port-C/D/L (IOH =-6mA)
Output low voltage
VOL1
0.3Vcc
V
Port-C/D/E/L (IOL =9mA)
Output high voltage
VOH2
0.7Vcc
V
PSG0/PSG0B( in PWM mode), IOH = 35mA.
Output low voltage
VOL2
0.3Vcc
V
PSG0/PSG0B( in PWM mode), IOL = -65mA.
DAC current
2.4mA
3
3.6mA
DAC output current of maxumum digital input value
Low Voltage Detector
current
ILVR
30
60
mA
Total LVD current consumption
Vlcd variation
-3%
+3%
mv
Default voltage of Vlcd variation sample by sample
INT LVD variation
-4%
+4%
mv
Internal LVD voltage variation sample by sample
EXT LVD variation
-4%
+4%
mv
external LVD voltage variation sample by sample
*Note: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. All the
ranges are stress ratings only. Functional operation of this
device at these or any other conditions above those indicated
in the operational sections of this specification is not implied or
intended. Exposed to the absolute maximum rating conditions
for extended periods may affect device reliability.


Número de pieza similar - ST2602B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST26025A STMICROELECTRONICS-ST26025A Datasheet
1Mb / 18P
   Smart power solutions for car body applications
logo
Inchange Semiconductor ...
ST26025A ISC-ST26025A Datasheet
144Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results

Descripción similar - ST2602B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sitronix Technology Co....
ST2608B SITRONIX-ST2608B Datasheet
636Kb / 34P
   8-bit Integrated Microcontroller
ST2604B SITRONIX-ST2604B Datasheet
654Kb / 33P
   8-bit Integrated Microcontroller
ST2601B SITRONIX-ST2601B Datasheet
619Kb / 35P
   8-bit Integrated Microcontroller
logo
List of Unclassifed Man...
TMP86FS49 ETC1-TMP86FS49 Datasheet
107Kb / 1P
   Highly Integrated 8-Bit Flash Microcontroller
ST2202 ETC-ST2202 Datasheet
1Mb / 65P
   8 BIT Integrated Microcontroller with 256K Bytes ROM
logo
Sitronix Technology Co....
ST2202A SITRONIX-ST2202A Datasheet
2Mb / 75P
   8 BIT Integrated Microcontroller with 256K Bytes ROM
ST2205U SITRONIX-ST2205U Datasheet
723Kb / 32P
   8 BIT Integrated Microcontroller with 32K Bytes RAM
ST2204 SITRONIX-ST2204 Datasheet
684Kb / 24P
   8 BIT Integrated Microcontroller with 512K Bytes ROM
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com