Nombre de pieza
         Descripción
81490A

 Reference Transmitter ( 4 Page)


HP
100% 
Zoom Out Zoom In
   
 3 page
background image
Specifications
Data input (RF in)
Operational data rate
622 Mb/s to 12.5 Gb/s
Input voltage range for λ
1= 1310 nm
λ
2= 1550 nm
up to 0.9 Vpp (typical)
up to 1.1 Vpp (typical)
Maximum input voltage
< 2 Vpp
from -2V to +2V
Input impedance (nominal)
50 Ω
Data output (optical out)
Fiber type
Standard single-mode 9 / 125 µm
Laser type
CW DFB laser with built in isolator
Optical wavelength
λ
1 : (1310 ±10) nm
λ
2 : (1550 ±10) nm
Average optical output power [1][2]
> 5 dBm
Attenuation range (nominal)
6 dB
Electro-optical modulation bandwidth [3]
10 MHz to 33 GHz (typical)
Electrical-optical conversion ratio [2]
> 5 mW/V
Relative intensity noise (RIN) [4]
< -136 dB / Hz
Maximum extinction ratio (ER) [5]
>10 dB (dependent on input voltage amplitude)
Vertical eye closure penalty [6]
< 0.5 dB (typical)
Rise and fall time (20 % to 80 % ) [4]
< 25 ps
17 ps (typical)
Jitter (peak-peak) [7]
< 18 ps
< 12 ps (typical)
[1] After TX_Recal operation
[2] At attenuation 0 dB
[3] -6dB decrease relative to maximum response
[4] For 0.6 Vpp to 0.85 Vpp data at 1310 nm; for 0.6 Vpp to 1.0 Vpp data at 1550 nm
[5] At data rates 10.3125 Gb/s, 10.51875 Gb/s; for whole operational data range typical; temperature change < ± 1K and operation point adjusted to 50 % eye crossing
[6] At 1% center region
[7] Jitter of input signal < 10 ps
General specifications
Optical connector interface
Operating temperature
Agilent universal Adapter
SMF 28, straight ferrule
+5° C to +40° C
RF connector interface
Storage Temperature
2.4mm female
- 40° C to +70° C
Module size (H x W x D)
Humidity
75 mm x 64 mm x 335 mm (2.8” x 2.6” x 13.2”)
5 % to 95 % relative humidity, non-condensing
Module weight
816xA/B Firmware revision
1.0 kg (2.2 lbs)
5.01 and higher
Warmup time
Recommended recalibration period
60 min
2 years
3
1  2  3  4 




Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl