Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST7548T Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

No. de pieza ST7548T
Descripción Electrónicos  66 x 102 Dot Matrix LCD Controller/Driver
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SITRONIX [Sitronix Technology Co., Ltd.]
Página de inicio  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7548T Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7548T Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
ST
Sitronix
ST7548T
66 x 102 Dot Matrix LCD Controller/Driver
Ver 1.2
1/50
2006/03/16
1. INTRODUCTION
The ST7548T is a driver & controller LSI for graphic dot-matrix liquid crystal display systems. It contains 102 segment
and 65 common with 1 ICON driver circuits. This chip is connected directly to a microprocessor, accepts 8-bit parallel
interface、3-line or 4-line serial peripheral interface (SPI)、I
2C interface, display data can stores in an on-chip display
data RAM of 66 x 102 bits. It performs display data RAM read/write operation with no external operating clock to
minimize power consumption. In addition, because it contains power supply circuits to drive liquid crystal, it is possible
to make a display system with the fewest components.
2. FEATURES
Single-chip LCD controller & driver
Driver Output Circuits
102 segment / 65 common + 1 ICON
On-chip Display Data ram
-
Capacity: 66X102=6,732 bits
Microprocessor Interface
-
8-bit parallel bi-directional interface with
6800-series or 8080-series
-
4-line SPI (serial peripheral interface) available
(only write operation)
-
3-line SPI (serial peripheral interface) available
-
I
2C (Inter-Integrated Circuit) Interface
On-chip Low Power Analog Circuit
-
Generation of LCD supply voltage (externally
Vout voltage supply is possible)
-
Generation of intermediate LCD bias voltages
-
Oscillator requires no external components
(external clock also possible)
-
Voltage converter (x4, x5)
-
Voltage regulator(temperature gradient
-0.11%/
°C)
-
Voltage follower
-
On-chip electronic contrast control function (128
steps)
External RESB (reset) pin
Supply voltage range:
-
VDD1 - VSS : 1.7 to 3.3V
-
VDD2 - VSS : 2.4 to 3.3V
-
VOUTIN - VSS : 13.5V (max)
Temperature range: -40 to +85 degree
ST7548T-G2
6800 , 8080 ,
4-Line , 3-Line interface
(without I2C interface)
ST7548Ti-G2
I2C interface


Número de pieza similar - ST7548T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST7540 STMICROELECTRONICS-ST7540 Datasheet
372Kb / 44P
   FSK power line transceiver
ST7540TR STMICROELECTRONICS-ST7540TR Datasheet
372Kb / 44P
   FSK power line transceiver
logo
Sitronix Technology Co....
ST7541 SITRONIX-ST7541 Datasheet
1Mb / 78P
   4 Gray Scale Dot Matrix LCD Controller/Driver
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
More results

Descripción similar - ST7548T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sitronix Technology Co....
ST7585 SITRONIX-ST7585 Datasheet
1Mb / 51P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7578 SITRONIX-ST7578 Datasheet
1Mb / 52P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7575 SITRONIX-ST7575 Datasheet
1Mb / 51P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7576 SITRONIX-ST7576 Datasheet
882Kb / 54P
   66 x 102 Dot Matrix LCD Controller/Driver
logo
List of Unclassifed Man...
ST7549 ETC1-ST7549 Datasheet
114Kb / 1P
   68 x 102 Dot Matrix LCD Controller / Driver
logo
Sitronix Technology Co....
ST7549T SITRONIX-ST7549T Datasheet
1Mb / 52P
   68 x 102 Dot Matrix LCD Controller/Driver
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
   65 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
   65 x 102 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com