Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST7588T Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

No. de pieza ST7588T
Descripción Electrónicos  81 x 132 Dot Matrix LCD Controller/Driver
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SITRONIX [Sitronix Technology Co., Ltd.]
Página de inicio  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7588T Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST7588T Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7588T Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7588T Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7588T Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7588T Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7588T Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7588T Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7588T Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7588T Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
ST7588T
Ver 1.3
2/61
2007/09/20
n PAD ARRANGEMENT (COG)
Chip Size: 7,708
μm × 980 μm
Bump Pitch: (minimum)
PAD NO 1~185, 248~276: 45
μm (COM/SEG)
PAD NO 186~187, 188~189, 191~192, 193~194, 195~196, 197~198, 199~200, 201~202, 213~214,215~216: 119
μm
PAD NO 187~188, 189~190, 192~193, 194~195, 196~197, 198~199, 200~201, 209~211, 212~213, 214~215, 216~217,
218~220: 73
μm
PAD NO 190~191: 134
μm;
PAD NO 202~203: 77
μm;
PAD NO 204~205, 206~207: 75
μm
PAD NO 203~204, 205~206: 175
μm;
PAD NO 207~208: 150
μm;
PAD NO 211~212, 217~218: 102
μm
PAD NO 220~221: 93
μm;
PAD NO 208~209: 68
μm;
PAD NO 221~243, 244~247: 70
μm
PAD NO 243~244: 145
μm
Bump Size:
PAD NO 1~156, 174~185, 248~259: 30(x)
μm × 80(y) μm
PAD NO 157~173, 260~276: 80(x)
μm × 30(y) μm
PAD NO 186~202, 209~247: 55(x)
μm × 60(y) μm
PAD NO 203~208: 45(x)
μm × 60(y) μm
Bump Height: 17
μm
Chip Thickness: 480
μm


Número de pieza similar - ST7588T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST7580 STMICROELECTRONICS-ST7580 Datasheet
830Kb / 33P
   FSK, PSK multi-mode power line networking system-on-chip
logo
Sitronix Technology Co....
ST7585 SITRONIX-ST7585 Datasheet
1Mb / 51P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7586S SITRONIX-ST7586S Datasheet
675Kb / 63P
   4-Level Gray Scale Dot Matrix LCD Controller/Driver
More results

Descripción similar - ST7588T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sitronix Technology Co....
ST7565P SITRONIX-ST7565P Datasheet
858Kb / 71P
   65 x 132 Dot Matrix LCD Controller/Driver
ST7565S SITRONIX-ST7565S Datasheet
675Kb / 72P
   65 x 132 Dot Matrix LCD Controller/Driver
ST7565V SITRONIX-ST7565V Datasheet
877Kb / 72P
   65 x 132 Dot Matrix LCD Controller/Driver
ST7577 SITRONIX-ST7577 Datasheet
1Mb / 48P
   132 x 39 Dot Matrix LCD Controller/Driver
ST7565 SITRONIX-ST7565 Datasheet
468Kb / 56P
   65 x 132 Dot Matrix LCD Controller/Driver
logo
List of Unclassifed Man...
ST7565S ETC1-ST7565S Datasheet
715Kb / 73P
   65 x 132 Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7565R SITRONIX-ST7565R Datasheet
1Mb / 72P
   65 x 132 Dot Matrix LCD Controller/Driver
ST7567 SITRONIX-ST7567 Datasheet
682Kb / 49P
   65 x 132 Dot Matrix LCD Controller/Driver
ST7573 SITRONIX-ST7573 Datasheet
774Kb / 46P
   132 x 33 Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com