Nombre de pieza
         Descripción
40ST8054M

 10 BASE-T NETWORK COMPONENTS ( 1 Page)


BOTHHAND
100% 
Zoom Out Zoom In
   
 1 page
background image
P/N: 40ST8054M DATA SHEET
A0(03/03)
Feature
!
Filterless quad,4-port designs with common footprints and
pinouts offering choice of configurations for customized EMI
suppression.
!
Best per port space and cost efficiency.
!
Low profile,surface mount packaging.
!
Operating temperature range : -40℃ to +85℃.
!
Storage temperature range: -40℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±3%)
Part
Number
TX
RX
OCL
(μH Min)
L.L
(μH Max)
CW/W
(pF Max)
DCR
(Ω Max)
HI-POT
(Vrms )
40ST8054M
1CT:1CT
1:1
140
0.3
12
0.3
2000
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
CMR
(dB Min)
Part
Number
1-10MHz
5-10 MHz
1-10 MHz
10-30 MHz
100 MHz
40ST8054M
-1.0
-18
-40
-40
-30
Schematic
Mechanical
Bothhandusa.com
10 BASE-T NETWORK COMPONENTS
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
1 




Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl