Nombre de pieza
         Descripción
40ST8062

 40 PIN SMD ETHERNET 10-BASE T QUAD PORT TRANSFORMER ( 1 Page)


BOTHHAND
100% 
Zoom Out Zoom In
   
 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
40 PIN SMD ETHERNET 10-BASE T QUAD PORT TRANSFORMER
P/N: 40ST8062 DATA SHEET
Page : 1/1
Feature
IEEE 802.3 Ethernet compatible suitable for “Filterless”
transceiver chip (level one chip).
Surface mountable .
Design for multiport repeater and Ethernet switching hub
application.
Customer designs available for specific application.
Operating temperature range : 0°C to +70°C.
Storage temperature range: -25°C to +125°C.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Part
Number
TX
RX
Pri.OCL(μH Min)
TX/RX
L.L(μH Max)
TX/RX
CW/W
(pF Max) TX/RX
Pri.Resistance
(Ω Max) TX/RX
40ST8062
1CT:1.41CT
1:1
140
0.4
15
0.3
Continue
Part
Number
Peak Pulse Rating
(V)
Dissipation Rating
(m W)
Insulation Resistance
(M Ω)@50VDC
HI-POT
(Vrms)
40ST8062
50
75
10,000
1500
Schematic
Mechanical
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A0(02/06)
1 




Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl