Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST7773 Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

No. de pieza ST7773
Descripción Electrónicos  262K Color Single-Chip TFT Controller/Driver
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SITRONIX [Sitronix Technology Co., Ltd.]
Página de inicio  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7773 Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7773 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 128 page
background image
ST
Sitronix
ST7773
262K Color Single-Chip TFT Controller/Driver
Ver. 2.0
1
2008-7-7
1. Introduction
ST7773 is a single-chip controller/driver for 262K-color, graphic type TFT-LCD. It consists of 528 source line and 220 gate
line driver circuits. This chip can be connected to a microprocessor direct through Serial Peripheral Interface (SPI) or
8-bits/9-bits/16-bits/18-bits parallel interface. The display data is stored in the on-chip Display Data RAM (DDRAM) of
176x220x18 bits. It can perform display data RAM read/write operation with no external operation clock to minimize power
consumption. In addition, because of the integrated power supply circuits necessary to drive liquid crystal, it is possible to
make a display system with fewer components.
2. Features
Single chip TFT-LCD Controller/Driver with RAM
On-chip Display Data RAM (i.e. Frame Memory)
-
176 x 220 x 18 = 696,960 bits
LCD Driver Output Circuits:
-
Source Outputs: 176 RGB channels
-
Gate Outputs: 220 channels
Display Resolution
-
176 (RGB) x 220
Display Colors (Color Mode)
-
Full Color: 262K, RGB=(666) max., Idle Mode OFF
-
Color Reduce: 8-color, RGB=(111), Idle Mode ON
Programmable Pixel Color Format (Color Depth) for
Various Display Data input Format
-
12-bit/pixel: RGB=(444) using whole frame memory
-
16-bit/pixel: RGB=(565) using whole frame memory
-
18-bit/pixel: RGB=(666) using whole frame memory
Various Interfaces
-
Parallel 8080-series MCU Interface
(8-bit, 9-bit, 16-bit & 18-bit)
-
3-line serial interface
Display Features
-
Programmable partial display duty
-
Line inversion, frame inversion
-
Supporting MVA type LC
-
Support both normal-black & normal-white LC
Built-in Circuits
-
DC/DC converter
-
Adjustable VCOM
-
4 preset gamma curves (1.0, 1.8, 2.2 & 2.5)
-
Oscillator for display clock generation
-
Timing controller
Built-in NV Memory for LCD Initial Register Setting
-
7-bits for ID2
-
7-bits for VCOM adjustment
Wide Supply Voltage Range
-
I/O Voltage (VDDI to DGND): 1.6V~3.3V
-
Analog Voltage (VDD to AGND): 2.7V~3.3V
On-Chip Power System
-
Source Voltage (GVDD to AGND): 3.0V~5.0V
-
VCOM HIGH level (VCOMH to AGND): 2.5V to 5.0V
-
VCOM LOW level (VCOML to AGND): -2.5V to 0.0V
-
Gate driver HIGH level (VGH to AGND):
+10.0V to 16V
-
Gate driver LOW level (VGL to AGND):
-13V to -5.5V
Operating Temperature: -30°C to +85°C
ST7773
8080 MCU Interface: 8-bit/9-bit/16-bit/18-bit
Serial Peripheral Interface : 3-line
Sitronix Technology Corp. reserves the right to change the contents in this document without prior notice


Número de pieza similar - ST7773

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST777 STMICROELECTRONICS-ST777 Datasheet
344Kb / 11P
   LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER
October 2002
ST777ACD STMICROELECTRONICS-ST777ACD Datasheet
344Kb / 11P
   LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER
October 2002
ST777ACN STMICROELECTRONICS-ST777ACN Datasheet
344Kb / 11P
   LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER
October 2002
More results

Descripción similar - ST7773

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sitronix Technology Co....
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
   262K Color Single-Chip TFT Controller/Driver
ST7735 SITRONIX-ST7735 Datasheet
1Mb / 166P
   262K Color Single-Chip TFT Controller/Driver
ST7781 SITRONIX-ST7781 Datasheet
1Mb / 88P
   262K Color Single - Chip TFT Controller/Driver
ST7735R SITRONIX-ST7735R Datasheet
2Mb / 164P
   262K Color Single-Chip TFT Controller/Driver
ST7712 SITRONIX-ST7712 Datasheet
1Mb / 113P
   262K Color Single-Chip TFT Controller/Driver
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
   262K Color Single-Chip TFT Controller/Driver
ST7732 SITRONIX-ST7732 Datasheet
2Mb / 168P
   262K Color Single-Chip TFT Controller/Driver
ST7715 SITRONIX-ST7715 Datasheet
1Mb / 167P
   262K Color Single-Chip TFT Controller/Driver
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
   single-chip controller/driver for 262K-color, graphic type TFT-LCD
ST7735S SITRONIX-ST7735S Datasheet
2Mb / 201P
   132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.1 2011/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com