Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST7781 Datasheet(PDF) 10 Page - Sitronix Technology Co., Ltd.

No. de pieza ST7781
Descripción Electrónicos  262K Color Single - Chip TFT Controller/Driver
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SITRONIX [Sitronix Technology Co., Ltd.]
Página de inicio  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7781 Datasheet(HTML) 10 Page - Sitronix Technology Co., Ltd.

Back Button ST7781 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
ST7781
Ver. 1.7
10
PAD No.
PIN Name
X
Y
PAD No.
PIN Name
X
Y
481
S646
4847
182
521
S606
4207
182
482
S645
4831
299
522
S605
4191
299
483
S644
4815
182
523
S604
4175
182
484
S643
4799
299
524
S603
4159
299
485
S642
4783
182
525
S602
4143
182
486
S641
4767
299
526
S601
4127
299
487
S640
4751
182
527
S600
4111
182
488
S639
4735
299
528
S599
4095
299
489
S638
4719
182
529
S598
4079
182
490
S637
4703
299
530
S597
4063
299
491
S636
4687
182
531
S596
4047
182
492
S635
4671
299
532
S595
4031
299
493
S634
4655
182
533
S594
4015
182
494
S633
4639
299
534
S593
3999
299
495
S632
4623
182
535
S592
3983
182
496
S631
4607
299
536
S591
3967
299
497
S630
4591
182
537
S590
3951
182
498
S629
4575
299
538
S589
3935
299
499
S628
4559
182
539
S588
3919
182
500
S627
4543
299
540
S587
3903
299
501
S626
4527
182
541
S586
3887
182
502
S625
4511
299
542
S585
3871
299
503
S624
4495
182
543
S584
3855
182
504
S623
4479
299
544
S583
3839
299
505
S622
4463
182
545
S582
3823
182
506
S621
4447
299
546
S581
3807
299
507
S620
4431
182
547
S580
3791
182
508
S619
4415
299
548
S579
3775
299
509
S618
4399
182
549
S578
3759
182
510
S617
4383
299
550
S577
3743
299
511
S616
4367
182
551
S576
3727
182
512
S615
4351
299
552
S575
3711
299
513
S614
4335
182
553
S574
3695
182
514
S613
4319
299
554
S573
3679
299
515
S612
4303
182
555
S572
3663
182
516
S611
4287
299
556
S571
3647
299
517
S610
4271
182
557
S570
3631
182
518
S609
4255
299
558
S569
3615
299
519
S608
4239
182
559
S568
3599
182
520
S607
4223
299
560
S567
3583
299


Número de pieza similar - ST7781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST778 STMICROELECTRONICS-ST778 Datasheet
344Kb / 11P
   LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER
October 2002
logo
Sitronix Technology Co....
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
   262K Color Single-Chip TFT Controller/Driver
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
   single-chip controller/driver for 262K-color, graphic type TFT-LCD
ST7789V SITRONIX-ST7789V Datasheet
8Mb / 308P
   The ST7789V is a single-chip controller/driver for 262K-color
ST7789V2 SITRONIX-ST7789V2 Datasheet
3Mb / 319P
   Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2016/11
More results

Descripción similar - ST7781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sitronix Technology Co....
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
   262K Color Single-Chip TFT Controller/Driver
ST7735 SITRONIX-ST7735 Datasheet
1Mb / 166P
   262K Color Single-Chip TFT Controller/Driver
ST7735R SITRONIX-ST7735R Datasheet
2Mb / 164P
   262K Color Single-Chip TFT Controller/Driver
ST7712 SITRONIX-ST7712 Datasheet
1Mb / 113P
   262K Color Single-Chip TFT Controller/Driver
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
   262K Color Single-Chip TFT Controller/Driver
ST7732 SITRONIX-ST7732 Datasheet
2Mb / 168P
   262K Color Single-Chip TFT Controller/Driver
ST7773 SITRONIX-ST7773 Datasheet
2Mb / 128P
   262K Color Single-Chip TFT Controller/Driver
ST7715 SITRONIX-ST7715 Datasheet
1Mb / 167P
   262K Color Single-Chip TFT Controller/Driver
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
   single-chip controller/driver for 262K-color, graphic type TFT-LCD
ST7735S SITRONIX-ST7735S Datasheet
2Mb / 201P
   132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.1 2011/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com