Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAL2010GZ151P4T Datasheet(PDF) 1 Page - SAMWHA ELECTRIC

No. de pieza CAL2010GZ151P4T
Descripción Electrónicos  LC FILTERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMWHA [SAMWHA ELECTRIC]
Página de inicio  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CAL2010GZ151P4T Datasheet(HTML) 1 Page - SAMWHA ELECTRIC

  CAL2010GZ151P4T Datasheet HTML 1Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GND
SAMWHA ELECTRONICS CO., LTD
v Applications
v Features
v Dimensions & Land pattern
CAL2010 Series
v Characteristics
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
• Electric home appliances. (TV, DVD player, PC, etc)
• EMI noise is suppressed for cellular phones, digital
still camera, etc.
2.8±0.2
(unit : mm)
• These EMC filters comprise ferrite beads
and chip capacitors and are engineered to handle
high current levels.
• This array type CFL2010 consists of 4-line πtype
circuits in one chip.
• Products of different capacitance values are
available.
40
25
25
Typical Attenuation
Range
[800MHz to 2GHz]
100
100
100
Insulation
Resistance
[MΩ]
CAL2010GZ501P4T
CAL2010GZ151P4T
CAL2010GZ500P4T
Part Number
400
150
50
Cut-off
Frequency
[MHz]
100
100
100
Rated Current
[mA]
Recommend land pattern
2.0±0.1
IN1
IN2
IN3
IN4
OUT1 OUT2 OUT3 OUT4
0.15min.
0.25±0.1
0.5±0.1
0.25
2.80
0.25
IN1
IN2
IN3
IN4
OUT1
OUT2
OUT3
OUT4
G
N
D
G
N
D
DPS-081104
CHIP LC FILTERS
1
10
100
1000
3000
-80
-60
-40
-20
0
Frequency (MHz)
CAL2010GZ500
CAL2010GZ151
CAL2010GZ401
typical Insertion loss characteristics
Equivalent circuits


Número de pieza similar - CAL2010GZ151P4T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CAL22.5792TS ETC2-CAL22.5792TS Datasheet
52Kb / 1P
   LVDS Oscillator
More results

Descripción similar - CAL2010GZ151P4T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SAMWHA ELECTRIC
CFL1608 SAMWHA-CFL1608 Datasheet
119Kb / 1P
   LC FILTERS
logo
Murata Manufacturing Co...
LFB155G37CB1C032 MURATA-LFB155G37CB1C032_17 Datasheet
212Kb / 3P
   LC Filters(BPF)
LFL18829MTCRD627 MURATA-LFL18829MTCRD627 Datasheet
167Kb / 2P
   LC Filters(LPF)
logo
Murata Manufacturing Co...
LFB212G45CG7D227 MURATA1-LFB212G45CG7D227 Datasheet
161Kb / 2P
   LC Filters(BPF)
11/16/2022
logo
Murata Manufacturing Co...
LFB182G45BG4D268 MURATA-LFB182G45BG4D268_17 Datasheet
181Kb / 2P
   LC Balanced Filters
LFL152G45TC1A219 MURATA-LFL152G45TC1A219 Datasheet
201Kb / 3P
   LC Filters(LPF)
LFL182G45TC1A108 MURATA-LFL182G45TC1A108 Datasheet
200Kb / 3P
   LC Filters(LPF)
LFB151G81CD1B945 MURATA-LFB151G81CD1B945 Datasheet
167Kb / 2P
   LC Filters(BPF)
LFB182G45CGFD436 MURATA-LFB182G45CGFD436 Datasheet
169Kb / 2P
   LC Filters(BPF)
LFB185G54CGLD602 MURATA-LFB185G54CGLD602 Datasheet
167Kb / 2P
   LC Filters(BPF)
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com