Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA2633X7R104M250R Datasheet(PDF) 4 Page - SAMWHA ELECTRIC

No. de pieza CA2633X7R104M250R
Descripción Electrónicos  Radial & Axial
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMWHA [SAMWHA ELECTRIC]
Página de inicio  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CA2633X7R104M250R Datasheet(HTML) 4 Page - SAMWHA ELECTRIC

  CA2633X7R104M250R Datasheet HTML 1Page - SAMWHA ELECTRIC CA2633X7R104M250R Datasheet HTML 2Page - SAMWHA ELECTRIC CA2633X7R104M250R Datasheet HTML 3Page - SAMWHA ELECTRIC CA2633X7R104M250R Datasheet HTML 4Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SAMWHA CAPACITOR Co., Ltd.
30
Type
Radial
Axial
Char.
C0G
X7R
Z5U
Y5V
C0G
X7R
Z5U
Y5V
Cap(pF)
Volt
50
100
50
100
50
16
50
50
50
50
50
1
2
3
4
5
6
7
8
9
10
12
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
120
150
180
220
270
330
390
470
560
680
820
1.000
1.200
1.500
1.800
2.200
2.700
3.300
3.900
4.700
5.600
6.800
8.200
10.000
15.000
22.000
33.000
47.000
68.000
100.000
150.000
220.000
330.000
470.000
680.000
1.000.000
Capacitance Range
Chip Beads & Inductors
Chip Ferrite Beads
32
Chip Ferrite Beads Arrays
51
Chip Ferrite Inductors
54
Chip Power Inductors
58


Número de pieza similar - CA2633X7R104M250R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
CA26 MACOM-CA26 Datasheet
367Kb / 2P
   Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
CA26 MA-COM-CA26 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1500 MHz
CA26 MA-COM-CA26 Datasheet
648Kb / 3P
   Cascadable Amplifier
logo
List of Unclassifed Man...
CA2644Z5U104MR500 ETC-CA2644Z5U104MR500 Datasheet
3Mb / 7P
   Typical Performance Characteristics
More results

Descripción similar - CA2633X7R104M250R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
C1141100K1X5C2 KEMET-C1141100K1X5C2 Datasheet
163Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
C114G10922G5C1 KEMET-C114G10922G5C1 Datasheet
166Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
logo
jb Capacitors Company
JFR JBCAPACITORS-JFR_15 Datasheet
211Kb / 1P
   Radial & Axial Polystyrene Film Capacitor
logo
Littelfuse
0275030.M- LITTELFUSE-0275030.M- Datasheet
85Kb / 2P
   Axial and Radial Lead Fuses
275020 LITTELFUSE-275020 Datasheet
76Kb / 2P
   Axial and Radial Lead Fuses
logo
Kemet Corporation
C052C109M1G5TA KEMET-C052C109M1G5TA Datasheet
140Kb / 10P
   CERAMIC MOLDED/AXIAL & RADIAL - STANDARD
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com