Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS0603X7R104C6R3NRB Datasheet(PDF) 3 Page - SAMWHA ELECTRIC |
|
CS0603X7R104C6R3NRB Datasheet(HTML) 3 Page - SAMWHA ELECTRIC |
3 / 14 page SAMWHA CAPACITOR Co., Ltd. 8 Multi Layer Ceramic Capacitors 9 Application Stable class Ⅱdielectric properties, suited for by-pass and coupling purposes, filtering, frequency discrimination, DC blockage, and as voltage transient suppression elements. Dielectric Characteristics Temperature Characteristic ±15% Operating Temperature -55~85℃ Capacitance Tolerance ±10%, ±20%, (±5%, +80~-20%) Dissipation Factor & Q 50V Min. : 2.5% Max. 25V Min. : 3.0% Max. 16V Min. : 3.5% Max. 10V Min. : 5.0% Max. 6.3V Min. : 5.0% Max.(<3.3㎌), 10% Max.(≥3.3㎌) Thin layer lange capacitors type 10% Max. Insulation Resistance More than 10,000MΩ or 500ΩF (Whichever is smaller) Thin layer lange capacitors type 50ΩF Min. Dielectric Strength >2.5×RVDC Test Voltage 1±0.2Vrms(≤10㎌, 10V Min.) 0.5±0.1Vrms(≤10㎌, 6.3V Max.) 0.5±0.1Vrms(>10㎌) Test Frequency 1±0.1k㎐(≤10㎌, 10V Min.) 1±0.1k㎐(≤10㎌, 6.3V Max.), 120±24㎐(>10㎌) X5R Application The Hi-K(Y5V) dielectrics deliver high capacitance density and are ideally suited for applications where space is at a premium, or as replacement for tantalum capacitors. Typically applications include use as by-pass or decoupling elements. Best performance is obtained at or near room temperature, with low DC bias. Dielectric Characteristics Temperature Characteristic +22%~-82% Operating Temperature -30~85℃ Capacitance Tolerance -20~+80%(±20%) Dissipation Factor & Q 50V Min. : 5% Max. 25V Min. : 7% Max. 16V Min. : 9% Max. 10V Min. : 12.5% Max. 6.3V Min. : 15% Max. Thin layer lange capacitors type 20% Max. Insulation Resistance More than 10,000MΩor 500ΩF(Whichever is smaller) Thin layer lange capacitors type 50ΩF Min. Dielectric Strength >2.5×RVDC Test Voltage 1±0.2Vrms(≤10㎌, 10V Min.) 0.5±0.1Vrms(≤10㎌, 6.3V Max.) 0.5±0.1Vrms(>10㎌) Test Frequency 1±0.1k㎐(≤10㎌, 10V Min.) 1±0.1k㎐(≤10㎌, 6.3V Max.), 120±24㎐(>10㎌) Y5V Type C0G Size(inch) 0603(0201) 1005(0402) 1608(0603) 2012(0805) 3216(1206) 25 25 50 25 50 25 50 25 50 Cap. 0.5㎊(0R5) 1㎊(010) 2㎊(020) 3㎊(030) 4㎊(040) 5㎊(050) 6㎊(060) 7㎊(070) 8㎊(080) 9㎊(090) 10㎊(100) 12㎊(120) 15㎊(150) 18㎊(180) 22㎊(220) 27㎊(270) 33㎊(330) 39㎊(390) 47㎊(470) 56㎊(560) 68㎊(680) 82㎊(820) 100㎊(101) 120㎊(121) 150㎊(151) 180㎊(181) 220㎊(221) 270㎊(271) 330㎊(331) 390㎊(391) 470㎊(471) 560㎊(561) 680㎊(681) 820㎊(821) 1000㎊(102) 1200㎊(122) 1500㎊(152) 1800㎊(182) 2200㎊(222) 2700㎊(272) 3300㎊(332) 3900㎊(392) 4700㎊(472) 5600㎊(562) 6800㎊(682) 8200㎊(822) 10000㎊(103) 12000㎊(123) 15000㎊(153) 18000㎊(183) 22000㎊(223) 27000㎊(273) 33000㎊(333) 47000㎊(473) 56000㎊(563) 68000㎊(683) 82000㎊(823) 0.1㎌(104) C0G-Temperature Compensating Type(0603~3216) Appendix Ⅰ SMD Type Volt(V) Temperature Compensating Type : Dissipation Factor Page 22 (No.5) |
Número de pieza similar - CS0603X7R104C6R3NRB |
|
Descripción similar - CS0603X7R104C6R3NRB |