Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS1608X7R104C6R3NBB Datasheet(PDF) 3 Page - SAMWHA ELECTRIC

No. de pieza CS1608X7R104C6R3NBB
Descripción Electrónicos  Multi Layer Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMWHA [SAMWHA ELECTRIC]
Página de inicio  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CS1608X7R104C6R3NBB Datasheet(HTML) 3 Page - SAMWHA ELECTRIC

  CS1608X7R104C6R3NBB Datasheet HTML 1Page - SAMWHA ELECTRIC CS1608X7R104C6R3NBB Datasheet HTML 2Page - SAMWHA ELECTRIC CS1608X7R104C6R3NBB Datasheet HTML 3Page - SAMWHA ELECTRIC CS1608X7R104C6R3NBB Datasheet HTML 4Page - SAMWHA ELECTRIC CS1608X7R104C6R3NBB Datasheet HTML 5Page - SAMWHA ELECTRIC CS1608X7R104C6R3NBB Datasheet HTML 6Page - SAMWHA ELECTRIC CS1608X7R104C6R3NBB Datasheet HTML 7Page - SAMWHA ELECTRIC CS1608X7R104C6R3NBB Datasheet HTML 8Page - SAMWHA ELECTRIC CS1608X7R104C6R3NBB Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SAMWHA CAPACITOR Co., Ltd.
8
Multi Layer Ceramic Capacitors
9
Application
Stable class Ⅱdielectric properties, suited for by-pass and coupling purposes, filtering, frequency discrimination, DC
blockage, and as voltage transient suppression elements.
Dielectric Characteristics
Temperature Characteristic
±15%
Operating Temperature
-55~85℃
Capacitance Tolerance
±10%, ±20%, (±5%, +80~-20%)
Dissipation Factor & Q
50V Min. : 2.5% Max. 25V Min. : 3.0% Max.
16V Min. : 3.5% Max. 10V Min. : 5.0% Max.
6.3V Min. : 5.0% Max.(<3.3㎌), 10% Max.(≥3.3㎌)
Thin layer lange capacitors type 10% Max.
Insulation Resistance
More than 10,000MΩ or 500ΩF (Whichever is smaller)
Thin layer lange capacitors type 50ΩF Min.
Dielectric Strength
>2.5×RVDC
Test Voltage
1±0.2Vrms(≤10㎌, 10V Min.)
0.5±0.1Vrms(≤10㎌, 6.3V Max.)
0.5±0.1Vrms(>10㎌)
Test Frequency
1±0.1k㎐(≤10㎌, 10V Min.)
1±0.1k㎐(≤10㎌, 6.3V Max.), 120±24㎐(>10㎌)
X5R
Application
The Hi-K(Y5V) dielectrics deliver high capacitance density and are ideally suited for applications where space is at a
premium, or as replacement for tantalum capacitors. Typically applications include use as by-pass or decoupling elements.
Best performance is obtained at or near room temperature, with low DC bias.
Dielectric Characteristics
Temperature Characteristic
+22%~-82%
Operating Temperature
-30~85℃
Capacitance Tolerance
-20~+80%(±20%)
Dissipation Factor & Q
50V Min. : 5% Max. 25V Min. : 7% Max.
16V Min. : 9% Max. 10V Min. : 12.5% Max.
6.3V Min. : 15% Max.
Thin layer lange capacitors type 20% Max.
Insulation Resistance
More than 10,000MΩor 500ΩF(Whichever is smaller)
Thin layer lange capacitors type 50ΩF Min.
Dielectric Strength
>2.5×RVDC
Test Voltage
1±0.2Vrms(≤10㎌, 10V Min.)
0.5±0.1Vrms(≤10㎌, 6.3V Max.)
0.5±0.1Vrms(>10㎌)
Test Frequency
1±0.1k㎐(≤10㎌, 10V Min.)
1±0.1k㎐(≤10㎌, 6.3V Max.), 120±24㎐(>10㎌)
Y5V
Type
C0G
Size(inch)
0603(0201)
1005(0402)
1608(0603)
2012(0805)
3216(1206)
25
25
50
25
50
25
50
25
50
Cap.
0.5㎊(0R5)
1㎊(010)
2㎊(020)
3㎊(030)
4㎊(040)
5㎊(050)
6㎊(060)
7㎊(070)
8㎊(080)
9㎊(090)
10㎊(100)
12㎊(120)
15㎊(150)
18㎊(180)
22㎊(220)
27㎊(270)
33㎊(330)
39㎊(390)
47㎊(470)
56㎊(560)
68㎊(680)
82㎊(820)
100㎊(101)
120㎊(121)
150㎊(151)
180㎊(181)
220㎊(221)
270㎊(271)
330㎊(331)
390㎊(391)
470㎊(471)
560㎊(561)
680㎊(681)
820㎊(821)
1000㎊(102)
1200㎊(122)
1500㎊(152)
1800㎊(182)
2200㎊(222)
2700㎊(272)
3300㎊(332)
3900㎊(392)
4700㎊(472)
5600㎊(562)
6800㎊(682)
8200㎊(822)
10000㎊(103)
12000㎊(123)
15000㎊(153)
18000㎊(183)
22000㎊(223)
27000㎊(273)
33000㎊(333)
47000㎊(473)
56000㎊(563)
68000㎊(683)
82000㎊(823)
0.1㎌(104)
C0G-Temperature Compensating Type(0603~3216)
Appendix Ⅰ
SMD Type
Volt(V)
Temperature Compensating Type : Dissipation Factor Page 22 (No.5)


Número de pieza similar - CS1608X7R104C6R3NBB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CS1608 ETC-CS1608 Datasheet
3Mb / 7P
   Typical Performance Characteristics
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CS160808 BOURNS-CS160808 Datasheet
216Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CS160808-1R0K BOURNS-CS160808-1R0K Datasheet
273Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CS160808-1R0K BOURNS-CS160808-1R0K Datasheet
216Kb / 2P
   Ferrite Multi-Layer Chip Inductors
More results

Descripción similar - CS1608X7R104C6R3NBB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
Dubilier
DRU21C102JBTA DUBILIER-DRU21C102JBTA Datasheet
126Kb / 1P
   CAPACITORS CERAMIC MULTI-LAYER RADIAL DR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com