Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PD-1105-100 Datasheet(PDF) 1 Page - Optoway Technology Inc |
|
PD-1105-100 Datasheet(HTML) 1 Page - Optoway Technology Inc |
1 / 3 page Optoway PD-1100 **************************************************************************************************************************************************************** *************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 4/9/2009 V2.0 InGaAs PIN PHOTODIODES PD-1100 SERIES **************************************************************************************************************************************************************** FEATURES High responsivity for dual windows at 1310 nm and 1550 nm Low dark current Quick pulse response Hermetically sealed 3-pin metal case Active diameter 75 μm DESCRIPTION PD-1100 series InGaAs Photodiode are suited to receive the light at the wavelength range from 1100 nm to 1600 nm. With high reliability, PD-1100 series are the best choice for telecom and datacom application. ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25ºC) Symbol Parameter Test Conditions Min. Typ. Max. Unit Active Area 75 μ m Detection Range 1100 1600 nm VR=5V, λ=1300nm 0.85 - R Responsivity VR=5V, λ=1550nm 0.90 A/W Idark Dark Current VR=5V 0.3 0.7 nA C Capacitance VR=5V 0.7 1.0 pF Tr /Tf Rise/Fall Time VR=5V, 10~90% 0.3 ns BW Bandwidth VR=5V 2 GHz ABSOLUTE MAXIMUM RATINGS (TC=25 ºC) Symbol Parameter Ratings Unit Po Input Optical Power 10 mW VRD Reverse Voltage 20 V IFD Forward Current 10 mA Topr Operating Temperature -40~+85 ºC Tstg Storage Temperature -40~+85 ºC |
Número de pieza similar - PD-1105-100 |
|
Descripción similar - PD-1105-100 |