Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM1010 Datasheet(PDF) 1 Page - Transys Electronics |
|
AM1010 Datasheet(HTML) 1 Page - Transys Electronics |
1 / 2 page AM100/150 THRU AM1010/1510 1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE VOLTAGE - 50 to 1000 Volts CURRENT - 1.0~1.5 Amperes FEATURES l Ratings to 1000V PRV l Surge overload rating— 30/50 amperes peak l Ideal for printed circuit board l Reliable construction utilizing molded plastic l Mounting position: Any MECHANICAL DATA Case: Reliable low cost construction utilizing molded plastic technique results in inexpensive product Terminals: Lead solderable per MIL-STD-202, Method 208 Polarity: Polarity symbols marking on body Weight: 0.05 ounce, 1.3 grams Available with 0.50 inch leads (P/N add suffix “S”) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, Resistive or inductive load. For capacitive load, derate current by 20%. AM100 AM150 AM101 AM151 AM102 AM152 AM104 AM154 AM106 AM156 AM108 AM158 AM1010 AM1510 UNITS Maximum Recurrent Peak Reverse Voltage 50 100 200 400 600 800 1000 V Maximum RMS Bridge input Voltage 35 70 140 280 420 560 700 V Maximum DC Blocking Voltage 50 100 200 400 600 800 1000 V AM100 1.0 Maximum Average Forward Rectified Current at TA=50 AM150 1.5 A AM100 30.0 Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load AM150 50.0 A Maximum Forward Voltage Drop per Bridge Element at 1.0A DC 1.0 V Maximum Reverse Current at Rated TA= 25 DC Blocking Voltage per element TA=100 10.0 1.0 A mA I 2t Rating for fusing ( t< 8.35ms) 10 A 2S Typical Junction capacitance per leg (Note 1) CJ 24 PF Typical Thermal resistance per leg (Note 2) R JA Typical Thermal resistance per leg (Note 2) R JL 36 13 /W Operating Temperature Range TJ -55 to +125 Storage Temperature Range TA -55 to +150 AM |
Número de pieza similar - AM1010 |
|
Descripción similar - AM1010 |