Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SS1005272KL Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp |
|
SS1005272KL Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp |
7 / 8 page 180 ___ Polyamide Polyesterimide ____ EILOCKY Modified ____ ____ ____ ____ ____ Polyamide ____ Polyamide Polyamide Modified Polyamide Modified ____ ____ Polyamide ____ ____ Nylon Polyamide OC ____ , material designation or marked designation on packaed or reel, and For use only in equipment where the acceptability of the comb ination is determined by Underwriters Laboratories Inc. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi- Recognized Component Mark. @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. Marking: Compan y name or trademarks fies base coated magnet wire twisted together and covered with top coat overall. See General Information Preceding These Recognitions AR-001A 287806002 Page 2 of 2 or 榮星電線 FL.EILOCKY SF.EILOCKBS SF.EILOCKY# SF.BLOCKBS Mtl UEW-2 UEY-2 UEW-4 UEY UEW-1 Dsg SFFY 287806002 SFFW SF.BW@ PEY SF.FLY@ SF.BY@ SF.EIW SF.FLW EIW-2 LSUEW LSFFW PEW EILOCKW EIW Polyesterimide Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Modified Polyester Mark ____ ____ ____ ____ ____ Dsg ____ ____ ____ Coat Typ BC Page 1 of 2 Polyesterimide Polyesterimide Polyurethane Polyurethane Modified Polyester Polyesterimide Modified Polyester Modified Polyester Polyesterimide Polyesterimide Polyesterimide Modified Polyester ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ Polyester Modified Polyester Polyester OBMW2⁄E174837 September 8 , 2000 180 committed to quality service dedicated to public safety and A not-for-profit organization ANSI MW28-C MW28-C ___ MW75C MW2-C MW80C Type MW79 MW26C Temp 130 130 130 130 155 105 Class 155 155 Nylon MW24-C Nylon Nylon ___ MW27-C ___ ___ MW77C MW26C MW27-C Epoxy ___ MW74-C MW79-C ___ ___ ___ 155 155 155 180 155 180 155 155 200 155 130 155 200 220 ABC'S ITEM NO. ABC'S DWG NO. SPECIFICATION FOR APPROVAL ____ OC ____ Polyamideimide 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN Magnet Wire-Component JUNG SHING WIRE CO LTD SHIELDED SMD Dsg EIAIW CFUEWB AIW Mtl OBMW2 PROD. NAME Ⅹ﹒UL CARD: Polyurethane Polyamideimide Polyesterimide ____ Dsg ____ ____ ____ Mark Coat Typ BC September 8, 2000 POWER INDUCTOR REF : E174837 Type MW35C MW75C MW81-C ___ ANSI Class 200 130 220 Temp SS1005□□□□L□-□□□ PAGE: 7 20091110-B |
Número de pieza similar - SS1005272KL |
|
Descripción similar - SS1005272KL |