Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SS0805270YL Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp |
|
SS0805270YL Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp |
7 / 8 page 200 ___ Modified Polyesterimide ____ EILOCKW Nylon ____ ____ ____ ____ ____ Polyamide ____ Nylon Nylon Polyamide Polyamide Modified Polyamide Modified ____ ____ Polyamide ____ ____ Nylon Polyamide ____ , material designation or marked designation on packaed or reel, and For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi- Epoxy Recognized Component Mark. @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. Marking: Company name or trademarks fies base coated magnet wire twisted together and covered with top coat overall. See General Information Preceding These Recognitions AE-001A 287806002 or Page 2 of 2 榮星電線 SF.EILOCKBS SF.EILOCKY# Mtl SFFY UEW-1 UEW-2 UEY UEY-2 UEW-4 Dsg SFFW 287806002 SF.BW@ PEY SF.BY@ SF.FLY@ SF.EIW SF.BLOCKBS SF.FLW EIW EIW-2 PEW LSUEW LSFFW FL.EILOCKY ____ Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane BC Modified Polyester Mark ____ ____ ____ ____ ____ Dsg ____ ____ Coat Typ OC Page 1 of 2 Polyester Polyester Polyesterimide Polyurethane Polyurethane Modified Polyester Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ OBMW2⁄E174837 September 8 , 2000 Temp committed to quality service dedicated to public safety and A not-for-profit organization Class ANSI ___ MW2-C MW80C MW75C MW28-C MW28-C Type MW26C MW79 130 130 130 130 155 105 155 155 MW24-C ___ MW77C ___ ___ MW26C MW27-C MW27-C ___ ___ ___ ___ MW79-C MW74-C 155 155 155 180 180 155 180 155 155 155 130 155 220 200 ABC'S ITEM NO. ABC'S DWG NO. SPECIFICATION FOR APPROVAL ____ ____ Polyamide Polyamideimide 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN SHIELDED SMD HSIEN TAIWAN Magnet Wire-Component JUNG SHING WIRE CO LTD EIAIW EILOCKY CFUEWB AIW Dsg Mtl OBMW2 PROD. NAME Ⅹ﹒ UL CARD: BC Polyurethane Polyamideimide Polyesterimide Polyesterimide September 8, 2000 ____ Dsg ____ ____ ____ Mark Coat Typ OC POWER INDUCTOR REF : E174837 Temp Class ANSI ___ MW35C MW75C MW81-C Type 220 200 180 130 SS0805□□□□L□-□□□ PAGE: 7 |
Número de pieza similar - SS0805270YL |
|
Descripción similar - SS0805270YL |