Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SS1260820ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp |
|
SS1260820ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp |
4 / 8 page User direction of feed ( 3 ) Q'TY & G.W. Per package Inner : Reel AR-001A Q'TY (pcs) SS1260 SS1260 500 600 Series A Style 13 - 24 330 ( 2 ) Dimensions 40 x 40 x 24 40 x 40 x 24 -0 Size (cm) 2,000 2,400 Q'TY (pcs) Style G.W. (gw) 1,900 2,200 13 - 24 13 - 24 G.W. (Kg) 9.20 11.0 Outer : Carton C B 21±0.8 13 N DG 24 26 50 +0 T 30.4 Unit:m/m 100 SPECIFICATION FOR APPROVAL 2.0±0.5 C ∮ Ⅵ﹒PACKAGING INFORMATION: POWER INDUCTOR Components End 200 m/m Min. Leader no component ( 1 ) Configuration REF : 20090505-A PROD. NAME SHIELDED SMD Carrier tape width : D ※ Embossed carrier 400 m/m Min. P:16 m/m 4 m/m 100 100 100 100 G Start no component Trailer D SS1260□□□□L□-□□□ T ABC'S DWG NO. ABC'S ITEM NO. Cover tape PAGE: 4 |
Número de pieza similar - SS1260820ML |
|
Descripción similar - SS1260820ML |