Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SS1608102ML Datasheet(PDF) 5 Page - ABC Taiwan Electronics Corp |
|
SS1608102ML Datasheet(HTML) 5 Page - ABC Taiwan Electronics Corp |
5 / 6 page Test condition Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Applied current : Per spec. SS1608□□□□L□-□□□ SPECIFICATION FOR APPROVAL Thermal shock test ( Temp. cycle ) Humidity Test High temp. AR-001A Resistance test Temperature : 125±5℃ Time : 96 hours not change more Electrical oharacteristics shall than ±20% Temperature : 40±2℃ Humidity : 90±5% Time : 1000 hours 15 minutes Room temp. Room temp. 15 minutes Total : 50 cycles REF : 20080303-A Solderability NAME PROD. Ⅷ﹒ RELIABILITY TEST: Specification With fresh solder. More than 95% of the Shall be covered terminal electrode POWER INDUCTOR SHIELDED SMD Test item Flux : Rosin Preheat : 155 / 4 hours. ℃ Solder temp. : 235±5℃ Dip time : 5±0.5 seconds ABC'S DWG NO. ABC'S ITEM NO. +125 ℃ 30 minutes -55 ℃ 30 minutes PAGE: 5 |
Número de pieza similar - SS1608102ML |
|
Descripción similar - SS1608102ML |