Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACE24C08TM+TH Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

No. de pieza ACE24C08TM+TH
Descripción Electrónicos  Two-wire Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACE [ACE Technology Co., LTD.]
Página de inicio  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C08TM+TH Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE24C08TM+TH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C08TM+TH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C08TM+TH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C08TM+TH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C08TM+TH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C08TM+TH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C08TM+TH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C08TM+TH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C08TM+TH Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
 
                                                                                      
ACE24(L)C02/04/08/16
                        Technology
Two-wire Serial EEPROM
VER 1.3
6
ACE24LC02/04/08/16
Applicable over recommended operating range from: TA = -40℃ to +85℃, VCC = +1.7V to +3.6V, (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC
Supply Voltage
1.7
3.6
V
ICC1
Supply Current
VCC = 3.6V, Read at 100K
0.4
1.0
mA
ICC2
Supply Current
VCC = 3.6V, Write at 100K
1.5
2.0
mA
ISB1
Standby Current
VCC = 1.7V, VIN = VCC/ VSS
1.0
µA
ISB2
Standby Current
VCC = 3.6V, VIN = VCC/ VSS
3.0
µA
ILI
Input Leakage Current
VIN = VCC/VSS
0.10
3.0
µA
ILO
Output Leakage Current
VOUT = VCC/ VSS
0.05
3.0
µA
VIL
1
Input Low Level
-0.6
VCCx0.3
V
VIH
1
Input High Level
VCCx0.7
5.5
V
VOL
Output Low Level
VCC = 2.7V, IOL = 2.1 mA
0.4
V
VOL1
Output Low Level
VCC = 3.0V, IOL = 2.1 mA
0.4
V
VOL2
Output Low Level
VCC = 1.8V, IOL = 0.15 mA
0.2
V
Note: 1. VIL min and VIH max are reference only and are not tested.
AC Characteristics
ACE24C02/04/08/16
Applicable over recommended operating range from: TA = -40℃ to +85℃, VCC = +2.5V to +5.5V, CL = 1 TTL Gate and 100
pF (unless otherwise noted). Test conditions are listed in Note 2.
2.2-volt
5.0-volt
Symbol
Parameter
Min Max Min Max
Units
fSCL
Clock Frequency, SCL
100
400
kHz
TLOW
Clock Pulse Width Low
4.7
1.2
µs
THIGH
Clock Pulse Width High
4.0
0.6
µs
TAA
Clock Low to Data Out Valid
0.1
4.5
0.1
0.9
µs
TBUF
1
Time the bus must be free before a new transmission can
Start
4.7
1.2
µs
THD.STA
Start Hold Time
4.0
0.6
µs
TSU.STA
Start Setup Time
4.7
0.6
µs
THD.DAT
Data In Hold Time
0
0
µs
TSU.DAT
Data In Setup Time
200
100
ns
TR
Inputs Rise Time
1.0
0.3
µs
TF
Inputs Fall Time
300
300
ns


Número de pieza similar - ACE24C08TM+TH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ACE Technology Co., LTD...
ACE24C08TMTH ACE-ACE24C08TMTH Datasheet
607Kb / 15P
   Two-wire Serial EEPROM
VER 1.5
ACE24C08TMUH ACE-ACE24C08TMUH Datasheet
607Kb / 15P
   Two-wire Serial EEPROM
VER 1.5
More results

Descripción similar - ACE24C08TM+TH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com