Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FWA-6280-AFE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

No. de pieza FWA-6280-AFE
Descripción Electrónicos  2U Rackmount Intel Xeon짰 Processor-based Platform with Modular PCI-X LAN I/O Cards
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADVANTECH [Advantech Co., Ltd.]
Página de inicio  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FWA-6280-AFE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FWA-6280-AFE Datasheet HTML 1Page - Advantech Co., Ltd. FWA-6280-AFE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm (inch)
FWA-6280A
Accessories
Part Number
Description
1703080160
PS/2 Y cable mini-DIN 16 cm
1702002600
3P 180 cm, USA
1702002605
3P 180 cm, Europe
1702031801
3P 180 cm, UK
1700000237
3P 180 cm, JP
Ordering Information
Part Number
LAN
HDD Bay
Power
FWA-6280-ASE 8 x 10/100/1000Base-TX
Hot-swappable
SATA
Single 500 W
FWA-6280-ARE 8 x 10/100/1000Base-TX
Hot-swappable
SATA
Redundant
400 W
FWA-6280-AFE
6 x 10/100/1000Base-TX
2 x mini-GBIC with Fiber
module
Hot-swappable
SATA
Redundant
400 W
FWA-6240-ASE 4 x 10/100/1000Base-TX
Hot-swappable
SATA
Single 500 W
LCD display module
(16 characters, 2 lines)
HDD LED
Power LED
Eight LAN ports
Management LAN port
Two hot-swappable HDDs
RS-232 console port
Two USB 2.0 ports
Removable fans
Power supply
LAN expansion board
88.00
482.00
430.00
465.00


Número de pieza similar - FWA-6280-AFE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
FWA-6280-C ADVANTECH-FWA-6280-C Datasheet
1Mb / 2P
   2U Rackmount Intel Xeon짰 Processor-based Platform with Modular PCIe LAN I/O Cards
FWA-6280-CFE ADVANTECH-FWA-6280-CFE Datasheet
1Mb / 2P
   2U Rackmount Intel Xeon짰 Processor-based Platform with Modular PCIe LAN I/O Cards
FWA-6280-CRE ADVANTECH-FWA-6280-CRE Datasheet
1Mb / 2P
   2U Rackmount Intel Xeon짰 Processor-based Platform with Modular PCIe LAN I/O Cards
More results

Descripción similar - FWA-6280-AFE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
FWA-6280-C ADVANTECH-FWA-6280-C Datasheet
1Mb / 2P
   2U Rackmount Intel Xeon짰 Processor-based Platform with Modular PCIe LAN I/O Cards
FWA-6480 ADVANTECH-FWA-6480 Datasheet
783Kb / 2P
   Two Dual/Quad-Core Intel짰 Xeon짰 Processor-based 2U Rackmount Platform with up to 8 PCIe GbE LAN Ports
logo
List of Unclassifed Man...
FW-8877 ETC2-FW-8877 Datasheet
549Kb / 4P
   Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
logo
Advantech Co., Ltd.
FWA-3140 ADVANTECH-FWA-3140 Datasheet
1Mb / 2P
   1U Rackmount Intel짰 Pentium짰 4 Processor-based Platform with 4 PCI LAN Ports/2 PCI Expansion Slots
FWA-6520 ADVANTECH-FWA-6520_15 Datasheet
555Kb / 2P
   Intel짰 Xeon짰 E5-2600 v3 Processor-based 2U Network Application Platform
logo
Axiomtek Co., Ltd.
NA-551 AXIOMTEK-NA-551_17 Datasheet
223Kb / 1P
   2U Rackmount Network Appliance Platform with LGA1155 Socket Intel Xeon E3 Family Processor
logo
Advantech Co., Ltd.
FWA-3240 ADVANTECH-FWA-3240 Datasheet
1Mb / 2P
   1U Rackmount Intel Tolapai-based Platform with 4 Front LAN Ports & LCD Display
FWA-3800 ADVANTECH-FWA-3800 Datasheet
869Kb / 2P
   1U Rackmount Intel짰 Core?? Duo Processor-based Platform with 6 PCIe LAN Ports
FWA-6500 ADVANTECH-FWA-6500 Datasheet
575Kb / 2P
   Multi-Core x86 Intel짰 Xeon짰 Processor 5500 series based 2U Network Application Platform
FWA-3700 ADVANTECH-FWA-3700 Datasheet
1Mb / 2P
   1U Rackmount Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com